Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q533 Datasheet(PDF) 67 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 67 Page - Rohm

Back Button ML22Q533 Datasheet HTML 63Page - Rohm ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm ML22Q533 Datasheet HTML 68Page - Rohm ML22Q533 Datasheet HTML 69Page - Rohm ML22Q533 Datasheet HTML 70Page - Rohm ML22Q533 Datasheet HTML 71Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Playback start timing by MUON command
When the first byte of the MUON command is input, the device waits for the input of the second byte after the command
processing time (tCB1). When the second byte is entered, the silence time is calculated after the command processing time
(tCB2). When the calculation of the silence duration is completed, the calculated silence is played back, and when the
playback is completed, the BUSYB signals of the playback channels become "H" level.
The NCR signal becomes "L" level during playback preparation, and becomes "H" level when playback preparation is
completed and playback starts. When the NCR signal of the playback channel becomes "H" level, the PLAY command of the
next phrase to be played can be accepted.
*1 The length of the "L" interval of the BUSYBn is (tCB2+ silence playback time).
CSB
Status
Command is being processed
Playing
SCK
SI
NCRn
BUSYBn
Awaiting command
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being
controlled
Awaiting command
*1
MUON command
1
st byte
(internal)
(internal)
VOH
VOL
CBUSYB
Awaiting command
MUON command
2
nd byte
tCB2
tCB1
67/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com