Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q533 Datasheet(PDF) 42 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 42 Page - Rohm

Back Button ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm ML22Q533 Datasheet HTML 44Page - Rohm ML22Q533 Datasheet HTML 45Page - Rohm ML22Q533 Datasheet HTML 46Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Detects the stop of clock input from a crystal resonator or ceramic resonator.
Set the "Detects the stop of clock input from a crystal resonator or ceramic resonator" with the OSCEN bit of the SAFE
command.
When the clock input from the crystal resonator or the ceramic resonator is stopped, the error bit (OSCERR) is set to "1".
At the same time, the clock backup function is activated and the clock is automatically switched to the RC oscillator circuit
(4.096MHz).
Error bit (OSCERR) can be read with RDERR command. However, if the RDERR command (first byte) is inputted before
the crystal or ceramic resonator stops and switches to RC oscillation (about 500
μs), the CBUSYB pin will remain "L".
Therefore, read the command after the CBUSYB pin becomes "H". Also, error bit (OSCERR) can be cleared by ERRCL
command. However, if the clock input from the crystal resonator or the ceramic resonator continues to be stopped while the
OSCEN bit of the SAFE command is "1", the error bit (OSCERR) is set to "1".
When the crystal resonator or the ceramic resonator stops and switches to RC oscillation, playback may become abnormal.
Therefore, after confirming that the error bit (OSCERR) is "1", enter STOP command to stop playback.
If the clock input from the crystal resonator or the ceramic resonator is stopped while the OSCEN bit is "0", the error bit
(OSCERR) does not change to "1", but the clock backup function is activated and the clock backup circuit is automatically
switched to the RC oscillator circuit (4.096MHz).
*1 Set OSCEN = "1"
*2 Set OSCEN = "0"
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
<When the OSCEN bit of SAFE command continue to be "1">
*1 Set OSCEN = "1"
*2 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
Command
OSCERR
Error bit (OSCERR) is operating
STATUSn pin
*3
(n:1 or 2)
PUP
SAFE
*1
ERRCL
SAFE
*2
OSC0 pin
OSC1 pin
Normal oscillation state
Oscillation stopped state
Normal oscillation state
Internal clock
X’tal or
Ceramic resonator
RC oscillation
(Clock backup state)
X’tal or
Ceramic resonator
Oscillation stopped state
RC oscillation
(Clock backup state)
Normal oscillation state
X’tal or
Ceramic resonator
OSCEN
RDERR
Command
OSCERR
Error bit (OSCERR) is operating
STATUSn pin
*2
(n:1 or 2)
PUP
SAFE
*1
ERRCL
OSC0 pin
OSC1 pin
Normal oscillation state
Oscillation stopped state
Normal oscillation state
Internal clock
X’tal or
Ceramic resonator
RC oscillation
(Clock backup state)
X’tal or
Ceramic resonator
Oscillation stopped state
RC oscillation
(Clock backup state)
Normal oscillation state
X’tal or
Ceramic resonator
OSCEN
RDERR
ERRCL
42/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com