Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q533 Datasheet(PDF) 43 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 43 Page - Rohm

Back Button ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm ML22Q533 Datasheet HTML 44Page - Rohm ML22Q533 Datasheet HTML 45Page - Rohm ML22Q533 Datasheet HTML 46Page - Rohm ML22Q533 Datasheet HTML 47Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Detects disconnection/short circuit of BCLK.
Set the "Detects disconnection/short circuit of BCLK" with the BCKEN bit of the SAFE command.
When the BCLK is stopped, the error bit (BCKERR) is set to "1".
Error bit (BCKERR) can be read with RDERR command. Also, error bit (BCKERR) can be cleared by ERRCL command.
*1 Set BCKEN = "1"
*2 Set BCKEN = "0"
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
*4 Set OUTEN = "1" or INEN = "1"
 Detects disconnection/short circuit of LRCLK.
Set the "Detects disconnection/short circuit of LRCLK" with the LRCKEN bit of the SAFE command.
When the LRCLK is stopped, the error bit (LRCKERR) is set to "1".
Error bit (LRCKERR) can be read with RDERR command. Also,error bit (LRCKERR) can be cleared by ERRCL command.
*1 Set LRCKEN = "1"
*2 Set LRCKEN = "0"
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
*4 Set OUTEN = "1" or INEN = "1"
< When SAFE command LRCKEN bit is "0" >
Disconnection or short circuit of LRCLK is not detected.
When LRCLK is faster than 5%, SAICH is initialized and the recorder stops playing.*5 At that time, the error bit
(LRCKERR) keeps "0".
< When SAFE command LRCKEN bit is "1" >
Disconnection or short circuit of LRCLK is detected.
When LRCLK is faster than 5%, SAICH is initialized and the recorder stops playing.*5 At that time, the error bit
(LRCKERR) changes "1".
*5 : The unit does not recover even if a normal LRCLK is input after stopping playback. Enter MUON command →
SAICH command after inputting a normal LRCLK.
Command
BCKERR
Detects disconnection/short circuit of BCLK is operating
STATUSn pin
*3
(n:1 or 2)
PUP
SAFE
*1
ERRCL
SAFE
*2
SAICON
*4
BCLK pin
Input normal
Input stop
Input normal
BCKEN
RDERR
Command
LRCKERR
Detects disconnection/short circuit of LRCLK is operating
STATUSn pin
*3
(n:1 or 2)
PUP
SAFE
*1
ERRCL
SAFE
*2
SAICON
*4
LRCLK pin
Input normal
Input stop
Input normal
RDERR
LRCKEN
43/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com