Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 37 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 33Page - Analog Devices ADATE320 Datasheet HTML 34Page - Analog Devices ADATE320 Datasheet HTML 35Page - Analog Devices ADATE320 Datasheet HTML 36Page - Analog Devices ADATE320 Datasheet HTML 37Page - Analog Devices ADATE320 Datasheet HTML 38Page - Analog Devices ADATE320 Datasheet HTML 39Page - Analog Devices ADATE320 Datasheet HTML 40Page - Analog Devices ADATE320 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
Data Sheet
ADATE320
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 37 of 78
Figure 51. Differential Mode Comparator Offset Error vs. CLC Setting
Figure 52. Normal Window Comparator Hysteresis vs. Programmed
Hysteresis Value
Figure 53. Differential Mode Comparator Hysteresis vs. Programmed
Hysteresis Value
Figure 54. Comparator CML Output Waveform (ADATE320)
Figure 55. Comparator CML Output Waveform (ADATE320-1)
Figure 56. Normal Window Comparator Propagation Delay vs. Input Rise
Time, 1.0 V Input Swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com