Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 62 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 58Page - Analog Devices ADATE320 Datasheet HTML 59Page - Analog Devices ADATE320 Datasheet HTML 60Page - Analog Devices ADATE320 Datasheet HTML 61Page - Analog Devices ADATE320 Datasheet HTML 62Page - Analog Devices ADATE320 Datasheet HTML 63Page - Analog Devices ADATE320 Datasheet HTML 64Page - Analog Devices ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Data Sheet
ADATE320
APPLICATIONS INFORMATION
analog.com
Rev. C | 62 of 78
Figure 135. Power Supply and Transmission Path Decoupling Detail
POWER SUPPLY SEQUENCING
The ADATE320 is designed to tolerate sequencing of power sup-
plies in any order. It is therefore not critical that the power supplies
be sequenced in any particular order; however, there are recom-
mended best practices.
The ADATE320 has two analog power supplies (VCC, VEE) and
one digital power supply (VDD). The analog supplies service all of
the analog functions on the chip such as level setting DACs, driver,
comparator, load, and PPMU. The digital supply services the SPI
and all digital CMOS control circuitry.
There is careful separation between the analog and digital partitions
of the chip, and significant effort has been made to decouple these
two partitions both functionally and electrically. The analog partition
remains in the default configuration in the absence of VDD, and
similarly, the digital partition remains in the default configuration in
the absence of either (or both) VCC and VEE.
It is not possible to guarantee predictable behavior of the analog
partition if either the VEE or VCC supply is poorly conditioned or
absent. It is therefore recommended that any externally connected
device be disconnected from the DUTx pin to prevent potential
damage to that device while either of the VEE or VCC supplies is out
of specification.
Assuming the VEE and VCC analog supplies are both applied and
within specification, the analog partition ensures that all functions
remain in the default configuration. This is true even when the
VDD supply is absent and digital CMOS control circuitry is not yet
functioning. In such a case (or whenever the RST pin is asserted),
all of the level setting DACs takes the voltage present at the
DUTGND input pin, and all SPI control bits assume their reset
default values. The analog functions remain in this safe condition
as long as VDD remains absent or as long as the RST pin remains
asserted.
It is recommended that the RST pin always be asserted during the
time that the VDD supply is being brought up. If this condition is met,
the level setting DACs continue to hold the DUTGND potential after
VDD stabilizes and after the RST pin is released. A fully clocked
reset sequence then initializes the level setting DACs to the reset
default conditions as specified in Table 29.
The reset sequence is described in more detail in the SPI Reset
Sequence and the RST Pin section.
In light of these considerations, it is recommended that the two
analog supplies be applied first. It is preferable that the smaller
valued supply (VEE) be applied before the larger valued supply
(VCC). Bring up the digital VDD supply next while the RST pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com