Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 14 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 10Page - Analog Devices ADATE320 Datasheet HTML 11Page - Analog Devices ADATE320 Datasheet HTML 12Page - Analog Devices ADATE320 Datasheet HTML 13Page - Analog Devices ADATE320 Datasheet HTML 14Page - Analog Devices ADATE320 Datasheet HTML 15Page - Analog Devices ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 14 of 78
Table 7.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DUTx Pin Voltage Range, Range B,
Range C, Range D, and Range E
−1.5
+4.5
V
D
Full-scale source and sink current
Zero-Current Offset, All Ranges
−14.5
+14.5
% FSR
P
Interpolated from measurements at PPMU DAC Code
0x4CCC (−80% FS) and DAC Code 0xB333 (80% FS)
for each range
Zero-Current Offset TC
±0.02
% FSR/°C
CT
Gain Error, All Ranges
0
30
%
P
Derived from measurements at PPMU DAC Code
0x4CCC (−80% FS) and DAC Code 0xB333 (80% FS)
for each range
Gain Drift
Range A
±50
ppm/°C
CT
PPMU self heating effects in Range A can influence gain
drift measurements
Range B
±50
ppm/°C
CT
Range C, Range D, and Range E
±50
ppm/°C
CT
INL
After two-point gain/offset calibration
Range A
−0.12
+0.12
% FSR
P
Measured over FSR output of Range A (±40 mA)
Range B, Range C, and Range D
−0.04
+0.04
% FSR
P
Measured over FSR output of Range B (±1 mA), Range
C (±100 µA), and Range D (±10 µA)
Range E
−0.045
+0.045
% FSR
P
Measured over FSR output of Range E (±2 µA)
FI Compliance vs. Voltage Load
Range A
−0.3
+0.3
% FSR
P
Force positive full-scale current driving −1.0 V and +4.0
V, measure ∆I at DUTx pin; force negative full-scale
current driving −1.0 V and +4.0 V, measure ∆I at DUTx
pin
−0.1
+0.1
% FSR
P
Force positive full-scale current driving 0.0 V and 3.0 V,
measure ∆I at DUTx pin; force negative full-scale current
driving 0.0 V and 3.0 V, measure ∆I at DUTx pin
Range B and Range C
−0.3
+0.3
% FSR
P
Force positive full-scale current driving −1.5 V and +4.5
V, measure ∆I at DUTx pin; force negative full-scale
current driving −1.5 V and +4.5 V, measure ∆I at DUTx
pin
−0.06
+0.06
% FSR
P
Force positive full-scale current driving 0.0 V and 3.0 V,
measure ∆I at DUTx pin; force negative full-scale current
driving 0.0 V and 3.0 V, measure ∆I at DUTx pin
Range D
−0.3
+0.3
% FSR
P
Force positive full-scale current driving −1.5 V and +4.5
V, measure ∆I at DUTx pin; force negative full-scale
current driving −1.5 V and +4.5 V, measure ∆I at DUTx
pin
Range E
−0.85
+0.85
% FSR
P
Force positive full-scale current driving −1.5 V and +4.5
V, measure ∆I at DUTx pin; force negative full-scale
current driving −1.5 V and +4.5 V, measure ∆I at DUTx
pin; allows 10 nA DUTx pin leakage
MEASURE VOLTAGE (MV)
PPMU enabled, force voltage/measure voltage (FVMV)
Range
−1.5
+4.5
V
D
Offset
−25
+25
mV
P
Range B, VDUTx = 0.0 V, offset = (PPMU_Mx − VDUTx)
Offset TC
±50
µV/°C
CT
Gain
0.98
1.02
V/V
P
Range B, derived from measurements at VDUTx = 0.0 V
and 3.0 V
Gain TC
±5
ppm/°C
CT
INL
−1.7
+1.7
mV
P
Range B, measured over −1.5 V to +4.5 V
MEASURE CURRENT (MI)
PPMU enabled in FIMI
DUTx Pin Voltage Range
Full-scale source and sink current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com