Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 70 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices ADATE320 Datasheet HTML 69Page - Analog Devices ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices ADATE320 Datasheet HTML 73Page - Analog Devices ADATE320 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
Data Sheet
ADATE320
SPI REGISTER MEMORY MAP AND DETAILS
analog.com
Rev. C | 70 of 78
Table 29. SPI Register Memory Map
CH[1:0]1, 2
Address (ADDR[6:0])
R/W
DATA[15:0]3
Register Description
Reset Value
CC
0x5D
R/W
DDDD
POHx (PPMU comparator MI) c coefficient
0x8000
CC
0x5E
R/W
DDDD
POLx (PPMU comparator MI) c coefficient
0x8000
XX
0x5F
X
XXXX
Reserved
XX
0x60
X
XXXX
Reserved
CC
0x61
R/W
DDDD
POHx (PPMU comparator MI Range A) m coefficient
0xFFFF
CC
0x62
R/W
DDDD
POHx (PPMU comparator MI Range B) m coefficient
0xFFFF
CC
0x63
R/W
DDDD
POHx (PPMU comparator MI Range C) m coefficient
0xFFFF
CC
0x64
R/W
DDDD
POHx (PPMU comparator MI Range D) m coefficient
0xFFFF
CC
0x65
R/W
DDDD
POHx (PPMU comparator MI Range E) m coefficient
0xFFFF
CC
0x66
R/W
DDDD
POLx (PPMU comparator MI Range A) m coefficient
0xFFFF
CC
0x67
R/W
DDDD
POLx (PPMU comparator MI Range B) m coefficient
0xFFFF
CC
0x68
R/W
DDDD
POLx (PPMU comparator MI Range C) m coefficient
0xFFFF
CC
0x69
R/W
DDDD
POLx (PPMU comparator MI Range D) m coefficient
0xFFFF
CC
0x6A
R/W
DDDD
POLx (PPMU comparator MI Range E) m coefficient
0xFFFF
XX
0x6B to 0x7F
X
XXXX
Reserved
1 X means don’t care for the respective field.
2 CC represents two contiguous binary channel bits.
3 DDDD represents four-digit hexadecimal data.
4 The active load VIOHx and VIOLx voltage offsets are guaranteed to be nonzero and positive. These offsets result in a nonzero current for each IOHx and IOLx level
following valid reset sequence and prior to calibration. Furthermore, the active load is forced into the active on state following a reset, which facilitates a soft connect of the
DUTx pin to VCOMx = 0.0 V following a valid reset sequence (with small but nonzero IOHx and IOLx currents).
REGISTER DETAILS
Reserved bits in any register are undefined. In some cases, a
physical but unused memory bit may be present.
Any SPI read operation from a reserved bit or register results in an
unknown but deterministic readback value. Any SPI write operation
to a reserved bit or register results in no action.
A write to a control bit or control register defined only on Channel 0
must be addressed to Channel 0. Any such write that is addressed
to only Channel 1 is ignored if no register or control bit is defined on
Channel 1.
Furthermore, any such write that is addressed to both Channel 0
and Channel 1 (as a multichannel write) proceeds as if the write
is addressed to both Channel 0 and Channel 1. If no register or
control bit is defined at Channel 1, data addressed to the undefined
Channel 1 is ignored. If a register or control bit is defined at
Channel 1, it is filled as part of the multichannel write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com