Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320KCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 25Page - Analog Devices ADATE320KCPZ Datasheet HTML 26Page - Analog Devices ADATE320KCPZ Datasheet HTML 27Page - Analog Devices ADATE320KCPZ Datasheet HTML 28Page - Analog Devices ADATE320KCPZ Datasheet HTML 29Page - Analog Devices ADATE320KCPZ Datasheet HTML 30Page - Analog Devices ADATE320KCPZ Datasheet HTML 31Page - Analog Devices ADATE320KCPZ Datasheet HTML 32Page - Analog Devices ADATE320KCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Data Sheet
ADATE320
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 29 of 78
Table 22. Pin Function Descriptions
Pin No.
Mnemonic
Description
23
PPMU_M1
PPMU Analog Measure Output, Channel 1.
26
PPMU_CMPL1
PPMU Go/No-Go Comparator Output Low, Channel 1.
25
PPMU_CMPH1
PPMU Go/No-Go Comparator Output High, Channel 1.
34
RST
Reset Input (Active Low).
32
SCLK
Serial Programmable Interface (SPI) Clock Input.
30
CS
Serial Programmable Interface (SPI) Chip Select Input (Active Low).
33
SDI
Serial Programmable Interface (SPI) Serial Data Input.
31
SDO
Serial Programmable Interface (SPI) Serial Data Output.
29
ALARM
Fault Alarm Open-Drain Output (Open-Collector, Active Low).
35
BUSY
Serial Programmable Interface (SPI) Busy Output (Open-Collector, Active Low).
19
VREF
DAC Precision 2.500 V Reference Input.
20
VREFGND
DAC Precision 0.000 V Reference Input.
24
DUTGND
DUT Ground Sense Input.
68
DUT0
DUT Pin, Channel 0.
80
DUT1
DUT Pin, Channel 1.
45
VCCTHERM
Temperature Sensor VCC Supply (8.0 V).
44
VTHERM
Temperature Sensor Analog Output.
16, 48, 66, 67, 72, 76, 81, 82
VCC, VCCD0, VCCD1
Analog Supply (8.0 V).
27, 37
VDD
Digital Supply (1.8 V).
22, 40, 42, 74
AGND
Analog Ground (Quiet).
28, 36
DGND
Digital Ground.
4, 10, 18, 21, 43, 46, 54, 60, 71, 77
PGND
Power Ground.
17, 47, 64, 69, 70, 73, 75, 78, 79, 84
VEE, VEED0, VEED1
Analog Supply (−5.0 V).
1, 63
NC
No Connect. These pins can be grounded or left floating.
EP
Exposed Pad. The exposed pad is internally connected via a high impedance die attached to VEE
(substrate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com