Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320KCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 16Page - Analog Devices ADATE320KCPZ Datasheet HTML 17Page - Analog Devices ADATE320KCPZ Datasheet HTML 18Page - Analog Devices ADATE320KCPZ Datasheet HTML 19Page - Analog Devices ADATE320KCPZ Datasheet HTML 20Page - Analog Devices ADATE320KCPZ Datasheet HTML 21Page - Analog Devices ADATE320KCPZ Datasheet HTML 22Page - Analog Devices ADATE320KCPZ Datasheet HTML 23Page - Analog Devices ADATE320KCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 20 of 78
Table 13.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Input Bias Current
−10
1
+10
µA
P
Tested at 0.0 V and VDD; RST tested at VDD; RST has an internal 50 kΩ
pull-up to VDD
SCLK Crosstalk on DUTx Pin
1
mV
CB
DCL disabled, PPMU forcing 0.0 V
Serial Output
Logic High
VDD − 0.5
VDD
V
PF
SDO, sourcing 2 mA
Logic Low
0.0
0.5
V
PF
Sinking 2 mA
BUSY Output Characteristics
Open-drain output
Off State Leakage
10
500
nA
P
BUSY pin not asserted, apply VDD to pin and measure leakage current
Maximum On Voltage at 2 mA
0.01
0.7
V
P
BUSY pin asserted, force 2 mA into pin and measure voltage
SPI TIMING SPECIFICATIONS
Table 14.
Parameter
Symbol
Min
Typ
Max
Unit
Test Level
Description
SCLK Operating Frequency
fCLK
50
MHz
PF
0.5
100
MHz
S
SCLK High Time
tCH
4.5
ns
S
SCLK Low Time
tCL
4.5
ns
S
CS to SCLK Setup at Assert
tCSAS
1.5
ns
S
Setup time of CS assert to next rising edge of SCLK.
CS to SCLK Hold at Assert
tCSAH
1.5
ns
S
Hold time of CS assert to next rising edge of SCLK.
CS to SCLK Setup at Release
tCSRS
1.5
ns
S
Setup time of CS release to next rising edge of SCLK.
CS to SCLK Hold at Release
tCSRH
1.5
ns
S
Hold time of CS release to next rising edge of SCLK.
This parameter is only critical if the number of SCLK
cycles from previous release of CS is the minimum
specified by the tCSAM parameter.
CS Assert to SDO Active
tCSO
0
4
ns
S
Delay time from CS assert to SDO active state.
CS Release to SDO High-Z
tCSZ
0
11
ns
S
Delay from CS release to SDO high-Z state, strongly
influenced by external SDO pin loading.
CS Release to Next Assert
tCSAM
3
Cycles
D
Minimum release time of CS between consecutive
assertions of CS. This parameter is specified in units of
SCLK cycles, more specifically in terms of rising edges
of the SCLK input.
SDI to SCLK Setup
tDS
3
ns
S
Setup time of SDI data prior to next rising edge of
SCLK.
SDI to SCLK Hold
tDH
4
ns
S
Hold time of SDI data following previous rising edge of
SCLK.
SCLK to Valid SDO
tDO
0
6
ns
S
Propagation delay from rising edge of SCLK to valid
SDO data.
BUSY Assert from CS/RST
tBUSA
0
6
ns
S
Propagation delay from first rising SCLK following valid
CS release (or RST release in the case of hardware
reset) to BUSY assert.
BUSY Width
tBUSW
Following CS
3
21
Cycles
D
Delay time from first rising SCLK after valid CS release
to BUSY release. Satisfies the requirements detailed in
the SPI Clock Cycles and the BUSY Pin section, except
following RST or software reset.
Following RST
744
Cycles
D
Delay time from first rising SCLK after RST release (or
valid CS release in the case of software reset) to BUSY
release. Satisfies the requirement of synchronous reset
sequence detailed in the SPI Clock Cycles and the
BUSY Pin section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com