Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320KCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 3Page - Analog Devices ADATE320KCPZ Datasheet HTML 4Page - Analog Devices ADATE320KCPZ Datasheet HTML 5Page - Analog Devices ADATE320KCPZ Datasheet HTML 6Page - Analog Devices ADATE320KCPZ Datasheet HTML 7Page - Analog Devices ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices ADATE320KCPZ Datasheet HTML 10Page - Analog Devices ADATE320KCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 7 of 78
Table 2.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Active to VIT
200
ps
CB
VIT to Active
170
ps
CB
Propagation Delay
1.0
ns
CB
TC
2
ps/°C
CT
Drive Active to/from Inhibit
Toggle RCVx, VIH = 1.0 V, VIL = −1.0 V, terminated
Transition Time
20% to 80%
Inhibit to Active
250
ps
CB
Active to Inhibit
850
ps
CB
Propagation Delay
Inhibit to VIH
2.1
ns
CB
Inhibit to VIL
2.5
ns
CB
Matching Inhibit to VIL vs.
Inhibit to VIH
0.4
ns
CB
VIH to Inhibit
2.5
ns
CB
VIL to Inhibit
2.1
ns
CB
Input/Output Spike
125
mV p-p
CB
VIH = 0.0 V, VIL = 0.0 V, terminated, toggle RCVx
Cable Loss Compensation (CLC)
VIH = 2.0 V, VIL = 0.0 V, terminated
Amplitude
20
%
CB
Maximum CLC setting
Resolution
3
Bits
D
Time Constant 1
400
ps
S
Maximum CLC setting
Time Constant 2
1.5
ns
S
Maximum CLC setting
REFLECTION CLAMP SPECIFICATIONS
Clamp accuracy specifications apply only when VCHx − VCLx > 0.8 V.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
VCH
Functional Range
−0.5
+5.0
V
D
Offset Error
−300
+300
mV
P
Driver high-Z, sinking 1 mA, measured at DAC Code 0x4000 (0.0 V),
uncalibrated
Offset TC
±0.25
mV/°C
CT
Gain
1.0
1.1
V/V
P
Driver high-Z, sinking 1 mA, gain derived from measurements at DAC
Code 0x4000 (0.0 V) and DAC Code 0x8CCC (3.0 V), based on an ideal
DAC transfer function (see Table 24)
Gain TC
±25
ppm/°C
CT
Resolution
153
µV
D
DNL
±250
µV
CT
Driver high-Z, sinking 1 mA, after two-point gain/offset calibration;
calibration points at DAC Code 0x4000 (0.0 V) and DAC Code 0x8CCC
(3.0 V), measured over the functional range
INL
−20
+20
mV
P
Driver high-Z, sinking 1 mA, after two-point gain/offset calibration;
calibration points at DAC Code 0x4000 (0.0 V) and DAC Code 0x8CCC
(3.0 V), measured over the functional range
VCL
Functional Range
−2.0
+3.5
V
D
Offset Error
−300
+300
mV
P
Driver high-Z, sourcing 1 mA, measured at DAC Code 0x4000 (0.0 V),
uncalibrated
Offset TC
±0.25
mV/°C
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com