Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320KCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices ADATE320KCPZ Datasheet HTML 10Page - Analog Devices ADATE320KCPZ Datasheet HTML 11Page - Analog Devices ADATE320KCPZ Datasheet HTML 12Page - Analog Devices ADATE320KCPZ Datasheet HTML 13Page - Analog Devices ADATE320KCPZ Datasheet HTML 14Page - Analog Devices ADATE320KCPZ Datasheet HTML 15Page - Analog Devices ADATE320KCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 12 of 78
Table 6.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
IOLx DNL
±1.25
µA
CT
IOHx = −2.5 mA, VCOMx = 1.5 V, VDUTx = 0.0 V; after two-point gain/
offset calibration; measured over IOLx range 0 mA to 25 mA; calibrated
at DAC Code 0x451F (1 mA) and DAC Code 0xA666 (20 mA)
IOLx INL
−100
+100
µA
P
IOHx = −2.5 mA, VCOM = 1.5 V, VDUTx = 0.0 V, after two-point gain/
offset calibration
IOLx 90% Commutation Voltage
0.25
0.4
V
P
IOHx = IOLx = 25 mA, VCOM = 2.0 V, measure IOLx reference at
VDUTx = −1.0 V, measure IOLx current at VDUTx = 1.6 V, check > 90% of
reference current
0.1
V
CT
IOHx = IOLx = 1 mA, VCOM = 2.0 V, measure IOLx reference at VDUTx
= −1.0 V, measure IOLx current at VDUTx = 1.9 V, check > 90% of
reference current
Maximum Sink Current (IOHx)
25
mA
D
VDUTx ≥ −0.5 V (a compliance limit is set by a 50 Ω internal resistor as
illustrated in Figure 141)
IOHx Offset
−600
+600
µA
P
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, offset extrapolated from
measurements at DAC Code 0x451F (1 mA) and DAC Code 0xA666 (20
mA)
IOHx Offset TC
±1
µA/°C
CT
IOHx Gain Error
0
+25
%
P
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, gain derived from
measurements at DAC Code 0x451F (1 mA) and DAC Code 0xA666 (20
mA); based on an ideal DAC transfer function
IOHx Gain TC
±100
ppm/°
C
CT
IOHx Resolution
763
nA
D
IOHx DNL
±1.25
µA
CT
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after two-point gain/offset
calibration; measured over IOHx range of 0 mA to 25 mA; calibrated at
DAC Code 0x451F (1 mA) and DAC Code 0xA666 (20 mA)
IOHx INL
−100
+100
µA
P
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after two-point gain/offset
calibration
IOHx 90% Commutation Voltage
0.25
0.4
V
P
IOHx = IOLx = 25 mA, VCOM = 2.0 V, measure IOHx reference at
VDUTx = 4.0 V, measure IOHx current at VDUTx = 2.4 V, ensure > 90% of
reference current
0.1
V
CT
IOHx = IOLx = 1 mA, VCOM = 2.0 V, measure IOHx reference at VDUTx
= 4.0 V, measure IOHx current at VDUTx = 2.1 VDUTx, ensure > 90% of
reference current
AC SPECIFICATIONS
All ac measurements are performed after dc calibration unless noted,
load active on
Dynamic Performance
Toggle RCVx; DUTx terminated 50 Ω to 0.0 V; IOLx = IOHx = 20 mA,
VIH = VIL = 0.0 V; VCOM = +1.5 V for IOLx and −1.5 V for IOHx
Propagation Delay, Load Active
On to Load Active Off
1.7
ns
CB
Measured from zero crossing of RCVx − RCVx to 50% of final output
value; repeat for drive low and drive high
Propagation Delay, Load Active
Off to Load Active On
2.9
ns
CB
Measured from zero crossing of RCVx − RCVx to 50% of final output
value; repeat for drive low and drive high
Propagation Delay Matching
1.2
ns
CB
Active on vs. active off; repeat for drive low and drive high
Load Spike
140
mV
CB
Repeat for drive low and drive high
Settling Time to Within 5%
2.5
ns
CB
Measured from output crossing 50% final value to output within 5% final
value
PPMU SPECIFICATIONS
PPMU enabled in force voltage mode unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com