Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66DC Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DC Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC2G66DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 April 2013
5 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
9.
Recommended operating conditions
[1]
To avoid sinking GND current from terminal nZ when switch current flows in terminal nY, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nY. In this case, there is no
limit for the voltage drop across the switch.
[2]
For overvoltage tolerant switch voltage capability, refer to 74LVCV2G66.
[3]
Applies to control signal levels.
10. Static characteristics
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VSW
switch voltage
[1][2] 0VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC =1.65Vto2.7V
[3] -
20
ns/V
VCC = 2.7 V to 5.5 V
[3] -
10
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65
 V
CC
-
-
0.65
 V
CC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7
 V
CC
-
-
0.7
 V
CC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
 V
CC
-
0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
 V
CC
-0.3
 V
CC
V
II
input leakage
current
pin nE; VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
0.1
5-
100
A
IS(OFF)
OFF-state
leakage
current
VCC = 5.5 V; see Figure 8
[2]
-
0.1
5-
200
A
IS(ON)
ON-state
leakage
current
VCC = 5.5 V; see Figure 9
[2]
-
0.1
5-
200
A
ICC
supply current
VI = 5.5 V or GND;
VSW =GND or VCC;
VCC =1.65Vto 5.5V
[2]
-
0.1
10
-
200
A
I
CC
additional
supply current
pin nE; VI =VCC  0.6 V;
VSW =GND or VCC;
VCC =5.5 V
[2]
-5
500
-
5000
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com