Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66DC Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DC Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC2G66DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The 74LVC2G66 is a low-power, low-voltage, high-speed Si-gate CMOS device.
The 74LVC2G66 provides two single pole, single-throw analog switch functions. Each
switch has two input/output terminals (nY and nZ) and an active HIGH enable input (nE).
When nE is LOW, the analog switch is turned off.
Schmitt trigger action at the enable inputs makes the circuit tolerant of slower input rise
and fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 Very low ON resistance:
 7.5
 (typical) at V
CC =2.7 V
 6.5
 (typical) at V
CC =3.3 V
 6
 (typical) at V
CC =5V
 Switch current capability of 32 mA
 High noise immunity
 CMOS low power consumption
 TTL interface compatibility at 3.3 V
 Latch-up performance meets requirements of JESD78 Class I
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Enable input accepts voltages up to 5.5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C
74LVC2G66
Bilateral switch
Rev. 8 — 2 April 2013
Product data sheet


Similar Part No. - 74LVC2G66DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66DC PHILIPS-74LVC2G66DC Datasheet
144Kb / 22P
Bilateral switch
Rev. 01-29 June 2004
74LVC2G66DC NXP-74LVC2G66DC Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66DC NXP-74LVC2G66DC Datasheet
147Kb / 24P
Bilateral switch
Rev. 04-1 July 2008
74LVC2G66DC NXP-74LVC2G66DC Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC2G66DC NEXPERIA-74LVC2G66DC Datasheet
326Kb / 22P
Bilateral switch
Rev. 13 - 9 September 2022
More results

Similar Description - 74LVC2G66DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com