Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66DC Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DC Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 20Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 April 2013
16 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
Fig 23. Test circuit for measuring crosstalk voltage (between digital inputs and switch)
001aag494
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
50
Ω
600
Ω
logic
input
RL
0.5VCC
CL
G
20 log10 (VO2 / VO1) or 20 log10 (VO1 / VO2).
Fig 24. Test circuit for measuring crosstalk between switches
001aag496
VIH
0.5VCC
1Z or 1Y
1Y or 1Z
CHANNEL
ON
1E
50
Ω
600
Ω
fi
RL
Ri
0.1
μF
CL
50 pF
VO1
VIL
0.5VCC
2Z or 2Y
2Y or 2Z
CHANNEL
OFF
2E
RL
Ri
600
Ω
CL
50 pF
VO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com