Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66DC Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DC Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 April 2013
7 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
10.2 ON resistance
[1]
Typical values are measured at Tamb = 25 C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 11 to Figure 16.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance
(peak)
VI =GND to VCC; see Figure 10
ISW =4mA;
VCC =1.65Vto1.95V
-
34.0
130
-
195
ISW =8mA; VCC = 2.3 V to 2.7 V
-
12.0
30
-
45
ISW =12mA; VCC = 2.7 V
-
10.4
25
-
38
ISW =24mA; VCC = 3.0 V to 3.6 V
-
7.8
20
-
30
ISW =32mA; VCC = 4.5 V to 5.5 V
-
6.2
15
-
23
RON(rail)
ON resistance
(rail)
VI = GND; see Figure 10
ISW =4mA;
VCC =1.65Vto1.95V
-8.2
18
-
27
ISW =8mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
ISW =12mA; VCC = 2.7 V
-
6.9
14
-
21
ISW =24mA; VCC = 3.0 V to 3.6 V
-
6.5
12
-
18
ISW =32mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
VI =VCC; see Figure 10
ISW =4mA;
VCC =1.65Vto1.95V
-10.4
30
-
45
ISW =8mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
ISW =12mA; VCC = 2.7 V
-
7.0
18
-
27
ISW =24mA; VCC = 3.0 V to 3.6 V
-
6.1
15
-
23
ISW =32mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
RON(flat)
ON resistance
(flatness)
VI =GND to VCC
[2]
ISW =4mA;
VCC =1.65Vto1.95V
-26.0
-
-
-
ISW =8mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
ISW =12mA; VCC =2.7 V
-
3.5
-
-
-
ISW =24mA; VCC = 3.0 V to 3.6 V
-
2.0
-
-
-
ISW =32mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com