Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD512B1 Datasheet(PDF) 69 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 65Page - STMicroelectronics PSD512B1 Datasheet HTML 66Page - STMicroelectronics PSD512B1 Datasheet HTML 67Page - STMicroelectronics PSD512B1 Datasheet HTML 68Page - STMicroelectronics PSD512B1 Datasheet HTML 69Page - STMicroelectronics PSD512B1 Datasheet HTML 70Page - STMicroelectronics PSD512B1 Datasheet HTML 71Page - STMicroelectronics PSD512B1 Datasheet HTML 72Page - STMicroelectronics PSD512B1 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 153 page
background image
PSD5XX Family
66
Counter Name
Counting Register
Image Register
Counter 0
CNTR0
IMG0
Counter 1
CNTR1
IMG1
Counter 2
CNTR2
IMG2
Counter 3
CNTR3
IMG3
9.6.1 Counter/Timer Operation
There are four identical 16 bit Counter/Timers CNTR0,CNTR1,CNTR2 and CNTR3 and
associated Counter/Timer image registers IMG0,IMG1,IMG2 and IMG3. Refer to Table 21
for counter name and register correspondence. All Counter/Timers share a common clock
source. Each Counter/Timer can be operated in either WAVEFORM / PULSE mode or
EVENT COUNTER/TIME CAPTURE mode. Counter 2 can be set up as a Watchdog timer in
both modes. Note that in Event Counter/Time Capture mode COUNTER 2 can only be set
up as a Watch Dog Counter/Timer, whereas in the Waveform/Pulse mode Counter 2 can be
configured as a Pulse or Waveform generator or as a Watchdog timer. Refer to Table 24 for
possible combinations of Counter/Timer modes and refer to Figure 33 for additional details.
Each Counter/Timer can be controlled by an input pin or through a dedicated PPLD
macrocell output or by software. Counter/Timer outputs are available through port A or
port B pins in alternate function mode (Refer to the chapter on I/O ports). Polarity of
these inputs/outputs is software programmable. The following sections describe various
command and data registers that need to be initialized for proper function of these
Counter/Timers.
9.6.1.1 Counter/Timer Operating Modes
The PSD5XX Counter/Timer has five basic modes of operation: The Waveform and Pulse
or Event Counter, Time Capture, and Watchdog. The Waveform and Pulse modes cannot
be used in conjunction with Event and Time Capture modes. Both Waveform/Pulse or
Event Count/Time Capture modes can set Counter 2 into the fifth mode of operation, the
“WatchDog” mode.
The basic functional element used in all these modes is the Counter/Timer unit (CTU)
illustrated in Figure 33. This block consists of a 16 bit increment/decrement Counter, and a
16 bit image register with various control signals. The key function of the image register is
to enable microcontroller access of the Counter without asynchronously interrupting the
Counter. Software can configure each Counter/Timer using the associated Command
register. The Counter/Timer of the PSD5XX employs four CTUs to realize the various
modes of operation.
Table 21. Registers Used By Counters
PSD5XX
Counter/Timer
Operation
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com