Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD512B1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 15Page - STMicroelectronics PSD512B1 Datasheet HTML 16Page - STMicroelectronics PSD512B1 Datasheet HTML 17Page - STMicroelectronics PSD512B1 Datasheet HTML 18Page - STMicroelectronics PSD512B1 Datasheet HTML 19Page - STMicroelectronics PSD512B1 Datasheet HTML 20Page - STMicroelectronics PSD512B1 Datasheet HTML 21Page - STMicroelectronics PSD512B1 Datasheet HTML 22Page - STMicroelectronics PSD512B1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 153 page
background image
PSD5XX Family
16
The PSD5XX
Architecture
(cont.)
9.1.2.1 Port A Macrocell Structure
Figure 6a shows the PA Macrocell block, which consists of 8 identical macrocells.
Each macrocell output can be connected to its own I/O pin on Port A. There are 3 user
programmable global product terms output from the GPLD’s AND ARRAY which are
shared by all the macrocells in Port A:
t PA.OE
Enable or tri-state Port A output pins
t PA.PR
Preset D flip flop in the macrocells
t PA.RE
Reset/Clear D flip flop in the macrocells
Two other inputs, CLKIN and MACRO-RST, are used as clock and clear inputs to the D flip
flop. The CLKIN comes directly from the CLKIN input pin. The MACRO-RST is the same as
the Reset input pin except it is user configurable.
The circuit of a Port A Macrocell is shown in Figure 7. There are 6 product terms from the
GPLD’s AND ARRAY as inputs to the macrocell. Users can select the polarity of the output,
and configure the macrocell to operate as:
t Registered Output
Select output from D flip flop
t Combinatorial Output
Select output from OR gate
t GPLD Input
Use Port A pin as dedicated input
t GPLD Output
Use Port A pin as dedicated output
t GPLD I/O
Use Port A pin as bidirectional pin
t Macrocell Feedback
Register feedback for state machine implementations or expander feedback
from the combinatorial output, to expand the number of product terms available to
another macrocell.
In case of "Buried Feedback", where the output of the macrocell is not connected to a
Port A pin, Port A can be configured to perform other user defined I/O functions.
The two global product terms assigned for asynchronous clear (PA.RE) and preset (PA.PR)
are mainly for proper Port A Macrocell initialization. The macrocell flip-flop can also be
cleared during reset by MACRO-RST, if such an option is chosen. The clock source is
always the input clock CLKIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com