Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD512B1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 6Page - STMicroelectronics PSD512B1 Datasheet HTML 7Page - STMicroelectronics PSD512B1 Datasheet HTML 8Page - STMicroelectronics PSD512B1 Datasheet HTML 9Page - STMicroelectronics PSD512B1 Datasheet HTML 10Page - STMicroelectronics PSD512B1 Datasheet HTML 11Page - STMicroelectronics PSD512B1 Datasheet HTML 12Page - STMicroelectronics PSD512B1 Datasheet HTML 13Page - STMicroelectronics PSD512B1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
PSD5XX Family
7
Figure 3. PSDsoft Development Tools
PSDsilos III™
SILOSIII
CHIP SIMULATION
PSD Programmer
PSDpro/MagicPro®
CHIP PROGRAMMING
PSD Compiler
(ZPLD FITTING, ADDRESS TRANSLATION)
PSDabel™
ZPLD DESCRIPTION
(STATE MACHINE, DECODING)
PSDsoft
Development Software
PSD Configuration
CHIP CONFIGURATION
THIRD PARTY
PROGRAMMERS
CODE FILE
Shown in Figure 3 (below) is the software design flow for a PSD5XX device.
PSDsoft—WSI’s software development suite—is used throughout the design phase. You
start with a design file that is written in PSDabel-a high-level hardware description language
(HDL). Before you compile your design, you must also configure the PSD5XX so it knows
what signals to expect from your microprocessor and what pre-runtime options should be
set (such as the security bit).
Once you have a design file and have configured the device, you are ready to run the Fitter
and Address Translator. The Fitter accepts input from PSDabel and PSD Configuration,
synthesizes this user logic and configuration, and fits the design to the PSD silicon.
The Address Translator process allows the user to map the MCU firmware from a
cross-compiler (in Intel HEX or S-Record format) into the NVM memory blocks within the
PSD. As a result, the MCU firmware is merged with the logic and configuration definition of
the PSD.
The output of the Address Translator and the Fitter is the required object file that is used by
a programmer to program the PSD device. The object file includes chip configuration, the
PLD fusemap, and MCU firmware information.
PSDsilosIII is an optional program that provides functional chip-level simulation of the
PSD5XX. PSDsoft automatically creates files for input to the simulator. These files convey
relevant design information to the simulator. As a result, the user only has to create a stim-
ulus file since all of the signals and node names are taken from the design file.
6.0
Design Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com