Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD512B1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 13Page - STMicroelectronics PSD512B1 Datasheet HTML 14Page - STMicroelectronics PSD512B1 Datasheet HTML 15Page - STMicroelectronics PSD512B1 Datasheet HTML 16Page - STMicroelectronics PSD512B1 Datasheet HTML 17Page - STMicroelectronics PSD512B1 Datasheet HTML 18Page - STMicroelectronics PSD512B1 Datasheet HTML 19Page - STMicroelectronics PSD512B1 Datasheet HTML 20Page - STMicroelectronics PSD512B1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 153 page
background image
PSD5XX Family
14
9.1.1 The DPLD
The DPLD is used for internal address decoding generating the following eight
chip select signals:
t ES0 – ES3
EPROM selects, block 0 to block 3
t RS0
SRAM block select
t CSIOP
I/O Decoder chip select
t PSEL0 – PSEL1
Peripheral I/O mode select signals
The I/O Decoder enabled by the CSIOP generates chip selects for on-chip registers or I/O
ports based on address inputs A[7:0].
As shown in Figure 5, the DPLD consists of a large programmable AND ARRAY. There are
a total of 61 inputs and 8 outputs. Each output consists of a single product term. Although
the user can generate select signals from any of the inputs, the select signals are typically a
function of the address and Page Register inputs. The select signals, which are active High,
are defined by the user in the ABEL file (PSDabel).
The address line inputs to the DPLD include A0, A1 and A8 – A15. If more address lines
are needed, the user can bring in the lines through Port A to the DPLD.
9.1.2 The GPLD
The structure of the General Purpose PLD consists of a programmable AND ARRAY and
3 sets of I/O Macrocells. The ARRAY has 61 input signals, same as the DPLD. From these
inputs, “ANDed” functions are generated as product term inputs to the macrocells. The I/O
Macrocell sets are named after the I/O Ports they are linked to, e.g., the macrocells
connected to Port A are named PA Macrocells. The 3 sets of macrocells, PA, PB and PE,
are similar in structure and function.
Figure 6 shows the output/input path of a GPLD macrocell to the Port pin with which it is
associated. If the Port pin is specified as a GPLD output pin in PSDsoft, the MUX in the I/O
Port Cell selects the GPLD macrocell as an output of the Port pin. The output enable signal
to the buffer in the I/O cell can be controlled by a product term from the AND ARRAY.
If the Port pin is specified as a ZPLD input pin, the MUX in the GPLD macrocell selects the
Port input signal to be one of the 61 signals in the ZPLD Input Bus.
The PSD5XX
Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com