Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-QFAA-R Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Physical objects that are embedded with sensors, processing ability, software, and other
technologies that connect and exchange data with other devices and systems of the Internet or
other communications networks.
Medium Access Control (MAC)
The layer that controls the hardware responsible for interaction with the wired, optical, or wireless
transmission medium.
Microcontroller Unit (MCU)
A small computer on a single metal-oxide-semiconductor integrated circuit chip.
Memory Protection Unit (MPU)
A computer hardware unit that provides memory protection and is usually implemented as part of
the CPU.
One Time Programmable (OTP) memory
A type of non-volatile memory that permits data to be written to memory only once.
Orthogonal Frequency Division Multiple Access (OFDMA)
A multiple access mechanism for shared medium networks based on Orthogonal Frequency Division
Multiplexing (OFDM) achieved by assigning subsets of channel sub-carriers to individual users. This
allows simultaneous on-air frame transmissions to or from multiple users.
Packet Traffic Arbitration (PTA)
A collaborative coexistence mechanism for collocated wireless protocols.
Pairwise Master Key (PMK)
An intermediate encryption key used by the 4-way handshake to generate the temporal keys needed
for data stream encryption."
Pairwise Transient Key (PTK)
A key that protects unicast data between the client station and access point.
Peer-to-peer (P2P)
A distributed application architecture that partitions tasks or workloads between peers.
Physical (PHY)
The first and lowest layer of computer networking. This layer is closely associated with the physical
connection between devices.
Power Management Unit (PMU)
A microcontroller that controls power functions of digital platforms.
Pre-shared Key (PSK)
A password authentication method, a string of text, expected before a username and password to
establish a secured connection. Also known as a "shared secret".
Printed Circuit Board (PCB)
A board that connects electronic components.
4486_184 v1.0
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com