Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-QFAA-R Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
8 Coexistence
nRF7002 has a highly configurable coexistence hardware to help mitigate interference between WLAN and
Bluetooth LE/IEEE 802.15.4 devices (Bluetooth LE, Thread, Zigbee).
A Packet Traffic Arbitration (PTA) module, connected to the CH logic function, facilitates the mitigation of
various interference scenarios through a highly-programmable fabric. The coexistence hardware enables
flexible output signals that support interface configurations like 3-wire and 4-wire. The primary schemes
supported are:
• Shared Antenna mode – The PTA makes priority decisions, controls the switch between Bluetooth
LE/IEEE 802.15.4 and Wi-Fi. The PTA also grants TX/RX requests from the Bluetooth LE/IEEE 802.15.4
device. Only one interface, either Bluetooth LE/IEEE 802.15.4 or or Wi-Fi is connected to the antenna
at any time.
• Separate Antenna mode – The PTA makes priority decisions, granting TX/RX requests from Bluetooth
LE/IEEE 802.15.4. Each interface is permanently connected to its own antenna.
The following figure shows the architecture of the coexistence hardware with details about the PTA control
lines.
nRF7002
Wi-Fi
PTA
COEX
Ctrl
Logic
Ant
Switch
Control
Host I/F
COEX HW
COEX_GRANT
COEX_STATUS0
COEX_REQ
SW_CTRL0
COEX_STATUS1/
SW_CTRL1
Figure 13: Coexistence hardware architecture
4486_184 v1.0
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com