Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-QFAA-R Datasheet(PDF) 25 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 25 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 27Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 28Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Coexistence
Time instance
Description
t1
The time instance when SR_REQUEST is asserted.
t2
The time instance when SR_STATUS is sampled to get SR_PTI information. This can be
any time during T2.
t3
The time instance when PTA takes an arbitration decision and posts SR_GRANT to the
Bluetooth LE/IEEE 802.15.4 device. This is chosen a couple of microseconds before
the start of the SR grant lead time period. This ensures that SR_GRANT is asserted
as close to SR grant lead time period and is stable by the time the Bluetooth LE/IEEE
802.15.4 device uses this information to continue or abort the transaction.
t4
The time instance when the SR grant lead time period starts. This is the time when
SR_GRANT must be stable to be considered by the Bluetooth LE/IEEE 802.15.4 device.
t5
The time instance when the actual transaction of the Bluetooth LE/IEEE 802.15.4
device starts. This is the time when the signaling period ends and the transaction
period starts. Bluetooth LE/IEEE 802.15.4 Tx and Rx information is provided by
changing the SR_STATUS signal level appropriately. PTA should track SR_STATUS if
SR_REQUEST is high and update the information SR_TX_RX.
Table 9: Time instances
3-wire without multiplexed priority
If SR_STATUS carries only one parameter information (3-wire, no priority mode), then the default
information that it carries is SR_TX_RX. In this case, SR_STATUS is set to TX or RX when SR_REQUEST
is HIGH. The following diagram shows SR_STATUS only carrying TX/RX information. The signals are
represented as a bus even though they are single bit ports to indicate transitions happening on the ports.
SR_REQUEST
SR_REQUEST lead time
Transaction time
T1
Tx/Rx
SR_STATUS
t1
t3 t4
t5
time
SR_GRANT
Grant
T3
Figure 15: 3-wire timing without priority multiplexing
During the transaction, the Bluetooth LE/IEEE 802.15.4 device changes SR_STATUS appropriately to
indicate TX and RX information. PTA continuously tracks SR_STATUS while SR_REQUEST is high and updates
SR_TX_RX status internally for corresponding COEX behavior.
4-wire timing
In the following diagram, Bluetooth LE/IEEE 802.15.4 priority is explicitly signaled on the
BT_COEX_STATUS1 pin.
4486_184 v1.0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com