Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-QFAA-R Datasheet(PDF) 15 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 15 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 19Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Software stack
Control IF
The Control IF interfaces with the Network Management API (net_mgmt). The Control IF implements
functionality like scanning, connecting to a Service Set Identifier (SSID), or setting the encryption key.
Data IF
The Data IF interfaces with the L2 Network Technologies layer of the TCP/IP networking stack. The Wi-Fi
driver presents the nRF7002 as an Ethernet device to the data path of the TCP/IP networking stack. In the
TX path, it receives Ethernet frames from the upper layers and in the RX path sends Ethernet frames to it.
The Wi-Fi driver takes care of converting Wi-Fi frames to Ethernet frames in the RX path.
Supplicant
The supplicant is implemented as part of the Wi-Fi driver and provides the following functionality:
802.11 authentication and association
The supplicant requests the driver to scan neighbouring BSSs and then requests the driver to
associate with a chosen BSS. 802.11 authentication is the first step in network attachment. 802.11
authentication requires a Station (STA) to establish its identity with an Access Point (AP). No data
encryption or security is available at this stage.
Wi-Fi Protected Access®(WPA) authentication
The supplicant implements the authentication services and port control described in the IEEE802.1X
standard. The initial authentication process is carried out using either of the following:
• Pre-shared Key (PSK)
• Following an Extensible Authentication Plan (EAP) exchange through 802.1X (known as EAPOL,
which requires an authentication server).
This process ensures that the client station (STA) is authenticated with the AP. This also results in the
generation of a shared Pairwise Master Key (PMK) at both the STA and AP.
4-way handshake
The 4-way handshake is designed such that the STA and AP can prove to each other their knowledge
of the PMK without actually disclosing the key. The 4-way handshake generates the following:
• Pairwise Transient Key (PTK): This is used to protect unicast data.
• Group Temporal Key (GTK): This is used to protect multicast and broadcast data
Roaming
When connected to a wireless network with multiple access points, the supplicant is typically
responsible for implementing the roaming between access points. The supplicant detects a closer
access point (Basic Service Set Identifier (BSSID)) in the current network (SSID), in terms of signal
strength (Received Signal Strength Indication (RSSI)), it will reassociate to the closer access point.
Software Enabled Access Point (SoftAP)
SoftAP enables a device to turn its wireless interface into a Wi-Fi access point. In SoftAP mode, the
supplicant takes care of station onboarding and management. SoftAP support is limited to PSK (WPA
Personal) security.
4486_184 v1.0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com