Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-CEAA-R7 Datasheet(PDF) 14 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 14 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 18Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
6 Software stack
This section details the partitioning of the TCP/IP networking stack and the IEEE 802.11 Wi-Fi stack across
the host MCU and nRF7002.
This description is based on the Zephyr™ TCP/IP networking stack and an nRF5340 host MCU. However,
the partitioning applies equally to other operating systems and host MCUs supporting a compatible
SPI/QSPI.
nRF7002
Host MCU (nRF5340)
802.11 MAC
MAC Interface / HAL
Supplicant
Data IF
Control IF
Network IF
abstraction
TCP / IP stack
Socket API
Application layer protocols
Network
Management
API
802.11 PHY
SPI / QSPI
Figure 5: Network stack architecture
The TCP/IP networking stack and Wi-Fi driver execute on the host MCU (for example, nRF5340) and
communicate with the MAC layer on nRF7002 through SPI/QSPI. The Wi-Fi driver presents control and
data interfaces (Control IF/Data IF) to the TCP/IP networking stack.
4486_184 v1.2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com