Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-CEAA-R7 Datasheet(PDF) 16 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 16 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 20Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
Software stack
Peer-to-peer (P2P)
The supplicant implements the higher layer functionality for managing P2P groups and takes care of
the following:
• Device Discovery
• Service Discovery
• Group Owner Negotiation
• P2P Invitation.
In addition, it maintains information about neighboring P2P Devices.
6.1 Firmware updates
nRF7002 supports device firmware updates for bug fixes, security fixes, or additional functionality.
The updates are performed by patching the firmware. The firmware patches are downloaded from the
host to the device for patching the ROM-based firmware. The patch download is fully automatic and
handled by the Wi-Fi driver software running on the host device.
Patches are downloaded to the nRF7002 device when powering up the device. Patches are downloaded
into the patch memory, which is retained during sleep. The maximum patch size is 128 KB.
Patches are linked to a Wi-Fi driver version and delivered as a byte array included in the Wi-Fi driver.
4486_184 v1.2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com