Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-CEAA-R7 Datasheet(PDF) 23 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 23 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 27Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
Coexistence
Signal name
I/O
Requirement
Bluetooth LE/
IEEE 802.15.4
signal (3-wire/4-
wire)
Description
COEX_REQ
Input
Mandatory for 3-
wire and 4-wire
SR_REQUEST
Bluetooth LE/IEEE
802.15.4 device
requesting a TX/
RX transaction
COEX_STATUS0
Input
Mandatory for 3-
wire and 4-wire
SR_STATUS
Indicates if the
Bluetooth LE/
IEEE 802.15.4
transaction is
TX or RX. If the
device supports
a Priority signal,
Priority is muxed
with TX/RX on
this signal based
on the timing
diagrams.
COEX_GRANT
Output Mandatory for 3-
wire and 4-wire
SR_GRANT
Indicates that
the Bluetooth
LE/IEEE 802.15.4
device is granted
access for this
transaction.
COEX_STATUS1/
SW_CTRL1
Input/
Output
Optional for 3-
wire
SR_PTI/
RF_SW_CTRL1
In 4-wire mode,
this carries the
Bluetooth LE/
IEEE 802.15.4
1 bit priority
signal. In 3-wire
Shared Antenna
mode, this can
be optionally
used as a second
antenna switch
control signal.
SW_CTRL0
Output Mandatory for 3-
wire and 4-wire
Shared Antenna
mode. Optional
otherwise
RF_SW_CTRL0
Used for antenna
switch control in
Shared Antenna
mode.
Table 6: Coexistence hardware signals
Note: The behavior of SW_CTRL0/1 is programmable and dependent on the configured
coexistence mode and switch control interface.
4486_184 v1.2
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com