Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF7002-CEAA-R7 Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
8 Coexistence
nRF70 Series devices have a highly configurable coexistence hardware to help mitigate interference
between WLAN and Bluetooth LE/IEEE 802.15.4 devices (Thread, Zigbee).
A Packet Traffic Arbitration (PTA) module, connected to the CH logic function, facilitates the mitigation of
various interference scenarios through a highly-programmable fabric. The coexistence hardware enables
flexible output signals that support interface configurations like 3-wire and 4-wire. The primary schemes
supported are:
• Shared Antenna mode – The PTA makes priority decisions, controls the switch between Bluetooth
LE/IEEE 802.15.4 and Wi-Fi. The PTA also grants TX/RX requests from the Bluetooth LE/IEEE 802.15.4
device. Only one interface, either Bluetooth LE/IEEE 802.15.4 or or Wi-Fi is connected to the antenna
at any time.
• Separate Antenna mode – The PTA makes priority decisions, granting TX/RX requests from Bluetooth
LE/IEEE 802.15.4. Each interface is permanently connected to its own antenna.
The following figure shows the architecture of the coexistence hardware with details about the PTA control
lines.
nRF70 Series
Wi-Fi
PTA
COEX
Ctrl
Logic
Ant
Switch
Control
Host I/F
COEX HW
COEX_GRANT
COEX_STATUS0
COEX_REQ
SW_CTRL0
COEX_STATUS1/
SW_CTRL1
Figure 13: Coexistence hardware architecture
4486_184 v1.2
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com