Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1V152S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFC1V152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V152S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFC1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
0.80
200 1000
200 500
100 250
100
—
0.60
0.60
0.60
0.60
0.50
0.50
200 2000
0.60
5.0
200 1000
200
0.50
0.60
200 2000
200 1000
1000
—
—
7.5
7.5
100
—
100
—
7.5
7.5
7.5
7.5
100 250
100 250
EEUFC0J103
—
50
—
50
—
EEUFC0J123
EEUFC0J153
—
—
7.5
7.5
100 250
100
—
EEUFC0J123L
—
7.5
—
—
7.5
EEUFC0J103S( )
—
0.80
0.80
0.80
0.80
0.80
0.80
1.5
2.0
2.0
2.5
2.5
2.5
2.5
3.5
3.5
3.5
3.5
5.0
5.0
3.5
7.5
5.0
7.5
5.0
7.5
—
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
—
5.0
5.0
Characteristics list
Taping
✽H
Taping
Straight
leads
Min. Packaging
Q'ty (PCS)
Lead length (mm)
Lead space
Part No.
Specification
Endu-
rance
(h)
Impe-
dance*2
(Ω)
Ripple
current*1
(mA rms)
Case size
(mm)
L
øD
Taping
✽B
Straight
Lead
dia.
(ød)
2000
5.0
11.0
175 0.800 1000
200 2000
4.0
7.0
65 2.000 1000
5.0
7.0
120 0.950 1000
0.45
0.45
0.50
200 2000
200
200 2000
6.3
11.2
290 0.350 1000
200 2000
6.3
7.0
200 0.450 1000 0.45
6.3
11.2
290 0.350 1000
6.3
11.2
290 0.350 1000
2000
8.0
11.5
555 0.117 2000
8.0
11.5
555 0.117 2000
200 500
EEUFC0J561( )
EEUFC0J821L( )
EEUFC0J821( )
—
—
—
8.0
15.0
730 0.085 2000
200 1000
10.0 12.5
755 0.090 3000
0.60
10.0 12.5
755 0.090 3000
200 500
5.0
5.0
5.0
EEUFC0J102( )
EEUFC0J122L( )
—
—
5.0
5.0
5.0
0.60
0.60
0.60
200 500
12.5 15.0 1205 0.065 5000
200 500
10.0 20.0 1220 0.052 3000
EEUFC0J122( )
EEUFC0J152( )
EEUFC0J152S( )
—
—
200 500
10.0 25.0 1440 0.045 3000
200 500
10.0 25.0 1440 0.045 3000
5.0
5.0
0.60
EEUFC0J182( )
EEUFC0J222( )
5.0
100 250
10.0 30.0 1815 0.035 3000
100
—
16.0 15.0 1690 0.043 5000
EEUFC0J222S( )
EEUFC0J272L
7.5
—
200 500
16.0 15.0 1690 0.043 5000
100 250
12.5 20.0 1655 0.038 5000
EEUFC0J272( )
EEUFC0J272S( )
5.0
7.5
200 500
18.0 15.0 2000 0.038 5000
100 250
12.5 20.0 1655 0.038 5000
EEUFC0J332( )
EEUFC0J332S( )
5.0
7.5
16.0 20.0 2205 0.029 5000
200 500
12.5 30.0 2310 0.025 5000
100
—
16.0 20.0 2205 0.029 5000
12.5 25.0 1945 0.030 5000
100 250
12.5 35.0 2510 0.022 5000
100
—
0.80
7.5
—
16.0 31.5 3010 0.018 5000
12.5 40.0 2655 0.018 5000
16.0 25.0 2555 0.022 5000
18.0 20.0 2490 0.028 5000
0.80
16.0 35.5 3150 0.016 5000
18.0 25.0 2740 0.020 5000 0.80
0.80
16.0 40.0 3360 0.015 5000
18.0 31.5 3635 0.016 5000
18.0 35.5 3680 0.015 5000
—
7.5
0.80
15000
EEAFC0J270( )
EEAFC0J560( )
EEUFC0J101( )
EEAFC0J121( )
EEUFC0J221( )
EEUFC0J271( )
EEUFC0J331S( )
EEUFC0J391( )
EEUFC0J471( )
EEUFC0J392( )
EEUFC0J472
EEUFC0J472S( )
EEUFC0J562L
EEUFC0J562( )
EEUFC0J682L
EEUFC0J682( )
EEUFC0J682S( )
EEUFC0J822
2.5
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.80
5.0
7.5
5.0
5.0
7.5
5.0
7.5
5.0
5.0
470
0.60
0.80
0.60
0.60
0.80
0.60
0.80
0.60
8.0
20.0
995 0.065 2000
10.0 16.0 1050 0.068 3000
560
8.0
11.5
555 0.117
12000
10000
6800
5600
4700
3300
6.3
8200
3900
2700
2200
1000
1800
1500
1200
820
27
56
100
120
220
270
330
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com