Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1V152S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFC1V152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V152S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFC1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Aluminum Electrolytic Capacitors
Radial Lead Type
● Endurance : 105 ℃ 1000 h to 5000 h
● Low impedance
● AEC-Q200 compliant
● RoHS compliant
Duration
Unit:mm
FC-A series
Endurance
0.80
0.90
capacitors are restored to 20 ℃, the capacitors shall meet the limits specified bellow.
stabilized at +20 °C, capacitors shall meet the limits specified in endurance.
This Series is no longer available for
purchase in the country of Japan.
0.95
1.00
0.85
0.95
1.00
1.00
390 to 1000
1200 to 2200
2700 to 15000
0.80
0.90
0.95
1.00
I ≦ 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
Rated voltage range
Capacitance tolerance
±20 % (120 Hz / +20℃)
Leakage current
(120 Hz
/+20℃)
100
0.07
63
0.08
50
0.10
35
0.12
25
0.14
16
0.16
10
0.19
6.3
0.22
18.0
L=7
L≧11
Within ±20 % of the initial value
Dissipation factor(tan δ)
≦ 200 % of the initial limit
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Dimensions
Shelf life
After storage for 1000 h at +105 ℃±2 ℃ with no voltage applied and then being
(With voltage treatment)
2.2 to 330
Cap.(μF)
60
120
1 k
10 k
100 k
0.55
0.70
0.75
Features
Specifications
Capacitance range
2.2 μF to 15000 μF
Category temp. range
–55 ℃ to +105 ℃
6.3 V to 100 V
0.75
Capacitance change
Freq.(Hz)
After following life test with DC voltage and +105 ℃±2 ℃ ripple current value applied
DC leakage current
Within the initial limit
Rated voltage(V)
Dissipation factor(tan δ)
For capacitance value ≧ 1000 μF, add 0.02 per every 1000 μF.
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage)when the
ø4 to ø6.3 : 1000 h, ø8 : 2000 h, ø10 : 3000 h, ø12.5 to ø18 : 5000 h
0.65
0.85
0.90
Dissipation factor(tan δ)
Frequency correction factor for ripple current
1.00
―
0.45
2.5
5.0
―
0.45
2.0
4.0
―
0.45
1.5
6.3
―
0.8
7.5
2.0
―
0.5
5.0
8.0
―
0.6
3.5
6.3
―
0.5
2.5
16.0
―
0.8
7.5
30 to 40
0.8
5.0
15 to 25
0.6
5.0
10.0
―
0.6
4.0
―
0.45
1.5
øD
L
ød
F
12.5
5.0
Pressure relief
ø6.3 ≦
14min.
L*
* L ≦ 16:L±1.0(ø8x15、ø16x15、ø18x15:L±1.5)
L ≧ 20:L±2.0
Sleeve
3min.
øD±0.5
øD±0.5
≦ ø8
ø10 ≦


Similar Part No. - EEUFC1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1V152S PANASONIC-EEUFC1V152S Datasheet
94Kb / 9P
Aluminum Electrolytic Capacitors/FC
EEUFC1V152S PANASONIC-EEUFC1V152S Datasheet
238Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC1V152S PANASONIC-EEUFC1V152S Datasheet
150Kb / 10P
Radial Lead Type
EEUFC1V152S PANASONIC-EEUFC1V152S Datasheet
162Kb / 10P
Aluminum Electrolytic Capacitors (Radial Lead Type)
Oct. 2016
EEUFC1V152SB PANASONIC-EEUFC1V152SB Datasheet
94Kb / 9P
Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1V152S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com