Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1V152S Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EEUFC1V152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V152S Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EEUFC1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
0.162 3000
200
EEUFC1H820( )
EEUFC1H101( )
EEUFC1H121L( )
200
200
200
200
0.60
3.5
0.50
2.5
EEUFC1H390( )
EEUFC1H470( )
EEUFC1H680( )
5.0
5.0
5.0
EEUFC1H2R2( )
EEUFC1H180( )
EEUFC1H220( )
EEUFC1H330( )
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Characteristics list
Lead length (mm)
Part No.
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Taping
Taping
✽H
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
5.0
11.0
0.50
2.0
0.50
2.0
5.0
11.0
11.2
0.50
1000
2.5
2.5
2.0
0.50
2000
200 2000
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
12.5 20.0 1480
10.0 30.0
0.063 5000
5000
5.0
5.0
0.60
3.5
5.0
8.0
15.0
615
200 2000
200 2000
95 1.300 1000
65 1.300 1000
0.50
2.0
5.0
5.0
EEUFC1H3R3( )
EEUFC1H4R7( )
2000
200 2000
135 1.300 1000
125 1.300 1000
0.50
2.0
5.0
5.0
0.50
2.0
EEUFC1H100L( )
EEUFC1H120( )
EEUFC1H150( )
2000
200 2000
200 2000
155 1.300 1000
145 1.300 1000
0.50
2.0
5.0
0.50
2.0
5.0
260 0.600 1000
1000
155 1.300
0.50
485 0.234 2000
260 0.600 1000
260 0.600 1000
0.120 2000
0.60
0.60
0.60
3.5
5.0
850 0.119 3000
3000
615 0.162
635 0.155 2000
5.0
5.0
485 0.234 2000
5.0
5.0
0.60
200
500
200
500
200
500
1030 0.090
850 0.119 3000
0.082 3000
1150 0.110 5000
3000
5.0
0.60
5.0
0.063
0.060 3000
0.60
100
—
200
500
200
500
—
1610 0.060
1610 0.080 5000
100
250
100
—
—
EEUFC1H471L
3000
EEUFC1H391S( )
—
—
12.5
25.0
1480
1610
15.0
20.0
16.0
20.0
16.0
12.5
20.0
1200
860
8.0
6.3
5.0
5.0
5.0
6.3
11.0
11.0
11.0
11.2
11.5
11.5
11.2
11.0
11.0
11.0
2000
200 2000
200 1000
200 1000
200
500
1000
200
500
200
500
200 1000
200
500
50
—
50
—
100
—
100
250
100
—
100
250
100
—
EEUFC1H471( )
EEUFC1H561( )
100
250
100
—
100
—
200
500
200
500
100
250
100
—
100
250
EEUFC1H561S( )
EEUFC1H681L
EEUFC1H681( )
EEUFC1H821L
EEUFC1H821( )
EEUFC1H102L
EEUFC1H102( )
EEUFC1H122
EEUFC1H122S( )
5.0
5.0
7.5
—
7.5
—
—
—
—
—
—
—
—
—
7.5
—
7.5
—
—
EEUFC1H331( )
EEUFC1H391( )
—
—
—
—
7.5
—
—
—
—
5.0
7.5
7.5
7.5
7.5
7.5
5.0
7.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
5.0
5.0
7.5
5.0
16.0 15.0
10.0 30.0
12.5 25.0 1832 0.050
45 1.800
5.0
5.0
5.0
6.3
8.0
10.0
10.0
12.5
12.5
10.0
10.0
8.0
10.0
10.0
5000
12.5 25.0 1832 0.050 5000
18.0 15.0 1900 0.068 5000
12.5 30.0 2215 0.040 5000
16.0 20.0 1835 0.048 5000
35.0 2285 0.034 5000
18.0 20.0 2420 0.042 5000
31.5 3000 0.025 5000
1500
16.0 31.5 2700 0.028 5000
18.0 25.0 2610 0.029 5000
EEUFC1H121( )
EEUFC1H151( )
16.0 35.5 2790 0.025 5000
12.5 40.0 2590 0.030 5000
16.0 25.0 2235 0.034 5000
12.5
EEUFC1H181L( )
EEUFC1H181( )
EEUFC1H221( )
EEUFC1H221S( )
EEUFC1H271( )
EEUFC1H331L
EEUFC1H152L
EEUFC1H182L
EEUFC1H182
EEUFC1H222
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.0
5.0
5.0
5.0
5.0
—
5.0
5.0
7.5
5.0
5.0
7.5
7.5
7.5
0.60
0.60
0.60
0.60
0.60
0.60
0.80
0.60
0.60
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
12
15
22
33
39
47
68
82
100
150
270
18.0 35.5 3100 0.023 5000
16.0 40.0 2845 0.023 5000
18.0
120
50
1800
1200
1000
820
680
560
470
330
2200
220
180
4.7
18
390
10
3.3
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com