Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1V152S Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # EEUFC1V152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V152S Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button EEUFC1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 12Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Characteristics list
Lead length (mm)
5.0
11.0
10.0 16.0
8.0
11.5
0.60
3.5
0.50
2.5
8.0
11.5
0.60
3.5
10.0
11.2
6.3
240 1.000 1000
8.0
10.0
6.3
240
12.5 15.0
8.0
20.0
11.5
0.50
2.0
5.0
5.0
15.0
0.60
3.5
5.0
0.60
5.0
5.0
11.2
1000
405 0.342 2000
145 2.000
405
10.0
EEUFC1J680( )
EEUFC1J820( )
535 0.256
535 0.230 2000
535 0.256 3000
405 0.342 2000
12.5
12.5
20.0
5.0
EEUFC1J221S( )
EEUFC1J271( )
1410
7.5
7.5
0.070 5000
200
1285 0.085
0.60
5.0
5.0
5.0
—
50
—
50
—
250
16.0 15.0
0.80
0.090 5000
0.055 5000
1690 0.086 5000
0.80
5.0
1720
7.5
7.5
18.0 15.0
0.80
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
7.5
7.5
18.0 20.0
0.80
16.0 25.0
0.80
7.5
7.5
12.5
100
—
100
—
100
2560 0.042
2290 0.055
12.5 25.0
0.60
500
100
1765 0.059
2090
200 1000
200
500
EEUFC1J101L( )
EEUFC1J101( )
5.0
5.0
5.0
EEUFC1J221X( )
EEUFC1J181( )
EEUFC1J181S( )
1300 0.090 3000
3000
1.000 1000
5.0
200 2000
200 1000
200 1000
0.342 2000 0.60
200 1000
200
500
500
200 1000
885 0.147 3000
1020 0.150 5000
200
500
200
500
200
500
885 0.147 3000
0.60
5.0
200
0.60
3.5
0.60
5.0
5.0
690 0.178 2000
600 0.194 3000
5.0
EEUFC1J121( )
EEUFC1J151( )
5.0
0.60
5.0
5.0
0.60
5000
0.60
0.80
5000
5000
5.0
0.60
2160 0.050 5000
0.047 5000
2160 0.050 5000
5000
2265
1050 0.130 3000
1285 0.085 5000
20.0
40.0
12.5 35.0
16.0 25.0
16.0 20.0
12.5 30.0
12.5 20.0
10.0 30.0
10.0 25.0
10.0
12.5 20.0
8.0
100
250
100
—
200
500
Part No.
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Taping
Taping
✽H
5.0
5.0
200
EEUFC1J221( )
5.0
200
500
EEUFC1J331L
EEUFC1J331( )
5.0
100
—
100
250
100
250
100
—
EEUFC1J681L
100
250
50
—
EEUFC1J681S( )
EEUFC1J821L
EEUFC1J821
EEUFC1J821S( )
200 2000
200 2000
EEUFC1J120( )
EEUFC1J220( )
EEUFC1J330( )
EEUFC1J470( )
EEUFC1J560( )
100
250
100
—
100
—
100
250
500
—
—
—
—
—
—
—
—
—
—
—
—
7.5
—
—
—
—
EEUFC1J391( )
EEUFC1J391S( )
EEUFC1J471L
EEUFC1J471( )
EEUFC1J561( )
16.0 31.5 2670 0.043 5000
18.0 25.0 2585 0.043 5000
16.0 31.5 2670 0.043 5000
16.0 35.5 2770 0.036 5000
16.0 40.0 2825 0.030 5000
18.0 31.5 2950 0.032 5000
18.0 35.5 3095 0.030 5000
18.0 40.0 3205 0.025 5000
EEUFC1J681( )
EEUFC1J102U
EEUFC1J102
EEUFC1J122L
EEUFC1J122
EEUFC1J152
EEUFC1J182
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.0
7.5
—
7.5
—
5.0
7.5
—
—
—
—
—
—
—
—
—
7.5
3.5
5.0
—
5.0
5.0
7.5
7.5
0.50
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
7.5
7.5
7.5
7.5
7.5
2.5
7.5
5.0
0.60
0.60
0.80
0.80
0.80
100
63
560
1000
820
680
470
270
390
330
220
1500
1800
1200
180
12
22
33
47
56
68
82
120
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com