Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R172L Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 29Page - STMicroelectronics ST10R172L Datasheet HTML 30Page - STMicroelectronics ST10R172L Datasheet HTML 31Page - STMicroelectronics ST10R172L Datasheet HTML 32Page - STMicroelectronics ST10R172L Datasheet HTML 33Page - STMicroelectronics ST10R172L Datasheet HTML 34Page - STMicroelectronics ST10R172L Datasheet HTML 35Page - STMicroelectronics ST10R172L Datasheet HTML 36Page - STMicroelectronics ST10R172L Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
33/68
ST10R172L - ELECTRICAL CHARACTERISTICS
15.2
DC Characteristics
VDD = 3.3V ± 0.3V
VSS = 0 V
Reset active
TA = -40°C to +85 °C°
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltage
VIL
SR
– 0.3
0.8
V
–
Input high voltage
(all except RSTIN and XTAL1)
VIH
SR
2.0
VDD + 0.3
V–
Input high voltage RSTIN, RPD
VIH1
SR
0.6
VDD
VDD + 0.3
V–
Input high voltage XTAL1
VIH2
SR
0.7
VDD
VDD + 0.3
V–
Output low voltage
(ALE, RD, WR, BHE, CLKOUT,
RSTIN,RSTOUT
, CSX)
VOL
CC
–
0.4
V
IOL = 4 mA
Output low voltage
(all other outputs)
VOL1
CC
–
0.4
V
IOL1 = 2 mA
Output high voltage
ALE, RD, WR, BHE, CLKOUT,
RSTIN,RSTOUT
, CSX)
VOH
CC
2.4
–
V
IOH = –4 mA
Output high voltage1)
(all other outputs)
VOH1 CC
2.4
–
V
IOH = – 2mA
Input leakage current (3T pins)
IOZ
CC
–
±10
µA
0 V<
VIN<VDD
Input leakage current (5T, 5S
pins)
IOZ1
CC
–
±10
±1007)
µA
µA
0 V<
VIN<VDD
VDD<VIN<5.0V
7)
RSTIN pull-up resistor 2)
RRST CC
20
300
k
Ω
VIN = 0 V
Read/Write pullup current3)
IRWH
4)
–-40
µA
VOUT = 2.4 V
Read/Write pullup current3
IRWL
5)
-500
–
µA
VOUT = 0.4 V
ALE pulldown current3
IALEL
4
40
–
µA
VOUT = 0.4 V
ALE pulldown current3
IALEH
5
–500
µAV
OUT = 2.4 V
Port 6 (CS) pullup current3
IP6H
4
–-40
µAV
OUT = 2.4 V
Port 6 (CS) pullup current3
IP6L
5
-500
–
µA
VOUT = 0.4 V
Table 11 DC characteristics
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com