Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R172L Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 42Page - STMicroelectronics ST10R172L Datasheet HTML 43Page - STMicroelectronics ST10R172L Datasheet HTML 44Page - STMicroelectronics ST10R172L Datasheet HTML 45Page - STMicroelectronics ST10R172L Datasheet HTML 46Page - STMicroelectronics ST10R172L Datasheet HTML 47Page - STMicroelectronics ST10R172L Datasheet HTML 48Page - STMicroelectronics ST10R172L Datasheet HTML 49Page - STMicroelectronics ST10R172L Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46/68
ST10R172L - ELECTRICAL CHARACTERISTICS
Figure 13 External memory cycle:
multiplexed bus, with/without read/write delay, normal ALE
Data In
Data Out
Address
Address
t
38
t
10
ALE
CSx
BUS
P0
Read Cycle
RD
BUS
P0
Write Cycle
WR,
WRL, WRH
t
5
t
16
t
39
t
40
t
25
t
27
t
18
t
14
t
22
t
23
t
12
t
8
t
8
t
6m
t
19m
CLKOUT
Address
A23-A16
(A15-A8)
BHE
t
17
t
6
t
7
t
9
t
11
t
13
t
15
t
16
t
12
t
13
Address
t
9
t
39u
t
38u
t
40u
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com