Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R172L Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 40Page - STMicroelectronics ST10R172L Datasheet HTML 41Page - STMicroelectronics ST10R172L Datasheet HTML 42Page - STMicroelectronics ST10R172L Datasheet HTML 43Page - STMicroelectronics ST10R172L Datasheet HTML 44Page - STMicroelectronics ST10R172L Datasheet HTML 45Page - STMicroelectronics ST10R172L Datasheet HTML 46Page - STMicroelectronics ST10R172L Datasheet HTML 47Page - STMicroelectronics ST10R172L Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
44/68
ST10R172L - ELECTRICAL CHARACTERISTICS
Data hold after RD
rising edge
t18
SR
0
–0
–
ns
Data float after RD rising
edge 12))
t19
SR
–
15 +
tF
2
–
2TCL - 5 +
tF
2
ns
Data valid to WR
t22
CC
13 +
tC
–
2TCL - 7 +
tC
–ns
Data hold after WR
t23
CC
13 +
tF
–
2TCL - 7+
tF
–ns
ALE rising edge after RD,
WR
t25
CC
10 +
tF
–
2TCL - 10 +
tF –ns
Address hold after RD, WR
t27
CC
10 +
tF
–
2TCL - 10 +
tF –ns
Latched CS setup to ALE
t38
CC
-7 +
tA
3 +
tA
-7 +
tA
3 +
tA
ns
Unlatched CS setup to
ALE
t38u CC 3 + tA
–
TCL - 7 +
tA
–ns
Latched CS low to Valid
Data In
t39
SR
–
13
+
tC + 2tA
–
3TCL - 17
+
tC + 2tA
ns
Unlatched CS low to Valid
Data In
t39u SR –
23
+
tC + 2tA
–
4TCL - 17
+
tC + 2tA
ns
Latched CS hold after RD,
WR
t40
CC
20 +
tF
–
3TCL - 10 +
tF –ns
Unlatched CS hold after
RD, WR
t40u CC 10 + tF
–
2TCL - 10 +
tF –ns
ALE fall. edge to RdCS,
WrCS (with RW delay)
t42
CC
7 +
tA
–
TCL - 3 +
tA
–ns
ALE fall. edge to RdCS,
WrCS (no RW delay)
t43
CC
-3 +
tA
–
-3 +
tA
–ns
Address float after RdCS
(with RW delay)1
t44
CC
–
31
–
31
ns
Address float after RdCS
(no RW delay)1
t45
CC
–
131
–
TCL + 31
ns
Parameter
Symbol
Max. CPU Clock
= 50 MHz
Variable CPU Clock
1/2TCL = 1 to 50 MHz
min.
max.
min.
max.
Table 14 Multiplexed bus
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com