Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST10R272LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST10R272LT1 Datasheet HTML 68Page - STMicroelectronics ST10R272LT1 Datasheet HTML 69Page - STMicroelectronics ST10R272LT1 Datasheet HTML 70Page - STMicroelectronics ST10R272LT1 Datasheet HTML 71Page - STMicroelectronics ST10R272LT1 Datasheet HTML 72Page - STMicroelectronics ST10R272LT1 Datasheet HTML 73Page - STMicroelectronics ST10R272LT1 Datasheet HTML 74Page - STMicroelectronics ST10R272LT1 Datasheet HTML 75Page - STMicroelectronics ST10R272LT1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
72/77
ST10R272L - ELECTRICAL CHARACTERISTICS
16.3.7
External Hardware Reset
VDD = 3.3 V ± 0.3 V
VSS = 0 V
TA = -40 to +85 °C
CL = 50 pF
Parameter
Symbol
Max. CPU Clock
= 50 MHz
Variable CPU Clock
1/2TCL = 1 to 50 MHz
min.
max.
min.
max.
Sync. RSTIN low time1)
1) On power-up reset, the RSTIN pin must be asserted until a stable clock signal is available
(about 10...50 ms to allow the on-chip oscillator to stabilize) and until System Start-up Con-
figuration is correct on PORT0 (about 50
µs for internal pullup devices to load 50 pF from
VILmin to VIHmin).
t70
SR
50
–
4 TCL + 10
–
ns
RSTIN low to internal
reset sequence start
t71
CC
416
4
16
TCL
internal reset sequence,
(RSTIN internally pulled
low)
t72
CC
1024
1024
1024
1024
TCL
RSTIN rising edge to inter-
nal reset condition end
t73
CC
4
6
46TCL
PORT0 system start-up
configuration setup to
RSTIN rising edge 2))
2) The value of bits 0 (EMU), 1 (ADAPT), 13 to 15 (Clock Configuration) are loaded during
hardware reset as long as internal reset signal is active, and have an immediate effect on
the system.
t74
SR
100
–
100
–
ns
PORT0 system start-up
configuration hold after
RSTIN rising edge
t75
SR
1
6
16TCL
Bus signals drive from
internal reset end
t76
CC
0
20
0
20
ns
RSTIN low to signals
release
t77
CC
–
50
–
50
ns
ALE rising edge from inter-
nal reset condition end
t78
CC
8
8
88TCL
Async. RSTIN low time1
t79
SR
1500
–
1500
–
ns
Table 21 External hardware reset
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com