Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10R272LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10R272LT1 Datasheet HTML 20Page - STMicroelectronics ST10R272LT1 Datasheet HTML 21Page - STMicroelectronics ST10R272LT1 Datasheet HTML 22Page - STMicroelectronics ST10R272LT1 Datasheet HTML 23Page - STMicroelectronics ST10R272LT1 Datasheet HTML 24Page - STMicroelectronics ST10R272LT1 Datasheet HTML 25Page - STMicroelectronics ST10R272LT1 Datasheet HTML 26Page - STMicroelectronics ST10R272LT1 Datasheet HTML 27Page - STMicroelectronics ST10R272LT1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
24/77
ST10R272L - INTERRUPT AND TRAP FUNCTIONS
6.2
Hardware Traps
Exceptions or error conditions that arise during run-time are called Hardware Traps. Hardware
traps cause immediate non-maskable system reaction similar to a standard interrupt service
(branching to a dedicated vector table location). The occurrence of a hardware trap is
additionally signified by an individual bit in the trap flag register (TFR). Except when another
higher prioritized trap service is in progress, a hardware trap will interrupt any actual program
execution. In turn, hardware trap services can not normally be interrupted by standard or PEC
interrupts. The following table shows all of the possible exceptions or error conditions that can
arise during run-time:
Exception Condition
Trap Flag
Trap Vector
Vector
Location
Trap
Number
Trap
Priority
Reset Functions:
Hardware Reset
RESET
00’0000h
00h
III
Software Reset
RESET
00’0000h
00h
III
Watchdog Timer Overflow
RESET
00’0000h
00h
III
Class A Hardware Traps:
Non-Maskable Interrupt
NMI
NMITRAP
00’0008h
02h
II
Stack Overflow
STKOF
STOTRAP
00’0010h
04h
II
Stack Underflow
STKUF
STUTRAP
00’0018h
06h
II
Class B Hardware Traps:
Undefined opcode
UNDOPC
BTRAP
00’0028h
0Ah
I
Protected instruction fault
PRTFLT
BTRAP
00’0028h
0Ah
I
Illegal word operand access ILLOPA
BTRAP
00’0028h
0Ah
I
Illegal instruction access
ILLINA
BTRAP
00’0028h
0Ah
I
Illegal external bus access
ILLBUS
BTRAP
00’0028h
0Ah
I
MAC trap
MACTRP
BTRAP
00’0028h
0Ah
I
Reserved
[2Ch – 3Ch][0Bh – 0Fh]
Software Traps
TRAP Instruction
Any [00’0000h
– 00’01FCh]
steps of 4h
Any
[00h – 7Fh]
Current
CPU
Priority
Table 6 Exceptions or error conditions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com