Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10R272LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10R272LT1 Datasheet HTML 11Page - STMicroelectronics ST10R272LT1 Datasheet HTML 12Page - STMicroelectronics ST10R272LT1 Datasheet HTML 13Page - STMicroelectronics ST10R272LT1 Datasheet HTML 14Page - STMicroelectronics ST10R272LT1 Datasheet HTML 15Page - STMicroelectronics ST10R272LT1 Datasheet HTML 16Page - STMicroelectronics ST10R272LT1 Datasheet HTML 17Page - STMicroelectronics ST10R272LT1 Datasheet HTML 18Page - STMicroelectronics ST10R272LT1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
15/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
5.1
MAC Features
Enhanced addressing capabilities
•
Double indirect addressing mode with pointer post-modification.
•
Parallel Data Move allows one operand move during Multiply-Accumulate instructions
without penalty.
•
CoSTORE instruction (for fast access to the MAC SFRs) and CoMOV (for fast memory to
memory table transfer).
General
•
Two-cycle execution for all MAC operations.
•
16 x 16 signed/unsigned parallel multiplier.
•
40-bit signed arithmetic unit with automatic saturation mode.
•
40-bit accumulator.
•
8-bit left/right shifter.
•
Scaler (one-bit left shifter)
•
Data limiter
•
Full instruction set with multiply and multiply-accumulate, 32-bit signed arithmetic and
compare instructions.
•
Three 16-bit status and control registers: MSW: MAC Status Word, MCW: MAC Control
Word, MRW: MAC Repeat Word.
Program control
•
Repeat Unit allows some MAC co-processor instructions to be repeated up to 8192 times.
Repeated instructions may be interrupted.
•
MAC interrupt (Class B Trap) on MAC condition flags.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com