Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST10R272LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST10R272LT1 Datasheet HTML 69Page - STMicroelectronics ST10R272LT1 Datasheet HTML 70Page - STMicroelectronics ST10R272LT1 Datasheet HTML 71Page - STMicroelectronics ST10R272LT1 Datasheet HTML 72Page - STMicroelectronics ST10R272LT1 Datasheet HTML 73Page - STMicroelectronics ST10R272LT1 Datasheet HTML 74Page - STMicroelectronics ST10R272LT1 Datasheet HTML 75Page - STMicroelectronics ST10R272LT1 Datasheet HTML 76Page - STMicroelectronics ST10R272LT1 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
73/77
ST10R272L - ELECTRICAL CHARACTERISTICS
1
The ST10R272L is reset in its default state asynchronously with RSTIN. The internal
RAM content may be altered if an internal write access is in progress.
2
On power-up, RSTIN must be asserted t79 after a stabilized CPU clock signal is available.
3
Internal pullup devices are active on the PORT0 lines, so - input level is high if the respec-
tive pin is left open - or is low if the respective pin is connected to an external pulldown
device.
4
The ST10R272L starts execution here at address 00’0000h.
5RSTOUT stays active until execution of the EINIT (end of initialization) instruction.
6
Activation of the IO pins is controlled by software
Figure 27 External asynchronous hardware reset (power-up reset): Vpp low
RSTIN
PORT1
(Demux Bus)
t76
PORT0
t75
4)
Internal
Reset
Signal
t73
3)
t792)
t74
ALE
RD, WR
RSTOUT 5)
Other IOs
6)
t77
t78
1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com