Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 35Page - Texas Instruments CC1111F32RSP Datasheet HTML 36Page - Texas Instruments CC1111F32RSP Datasheet HTML 37Page - Texas Instruments CC1111F32RSP Datasheet HTML 38Page - Texas Instruments CC1111F32RSP Datasheet HTML 39Page - Texas Instruments CC1111F32RSP Datasheet HTML 40Page - Texas Instruments CC1111F32RSP Datasheet HTML 41Page - Texas Instruments CC1111F32RSP Datasheet HTML 42Page - Texas Instruments CC1111F32RSP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 245 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 39 of 244
C171
3.0 V - 3.6 V power supply
2,12 DVDD
30 DCOUPL
AVDD 26
AVDD 25
RF_N 24
RF_P 23
AVDD 22
X3
R271
C203
C214
C301
DIE ATTACH PAD:
X2
C181
Optional:
R262
R263
10 DP
11 DM
D+
D-
C231 C232
L232
L242
C241
L231
L233
C235
L241
C234
C233
L234
Antenna
(50 Ohm)
R264
4 P1_0
C236
L235
Alternative filter that can be
used to reduce the emission at
699 MHz below -54 dBm, for
conducted measurements.
C235'
Figure 12: Application Circuit for
CC1111Fx 868/915 MHz with Fundamental Crystal (excluding
supply decoupling capacitors)
Component
Description
C301
Decoupling capacitor for on-chip voltage regulator to digital part
C203/C214
Crystal loading capacitors (X3)
C201/C211
Crystal loading capacitors (X1)
L231/L241/C231
Low-pass filter/match
L232/L242/C234/C241
Balun
L233/L234/C233
Filter
C234
DC block
L235/C236
Alternative filter to reduce the emission at 699 MHz
C235/C235’
DC block or part of filter to reduce emission at 699 MHz
C181/C171
Crystal loading capacitors if X2 is used.
L281
Crystal inductor
R271
Resistor for internal bias current reference
R264
D+ Pull-up resistor
R262/R263
D+ / D
− series resistors for impedance matching
X1
26 - 27 MHz crystal
X2
32.768 kHz crystal, optional
X3
48 MHz crystal (fundamental)
Table 28: Overview of External Components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com