Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 9Page - Texas Instruments CC1111F32RSP Datasheet HTML 10Page - Texas Instruments CC1111F32RSP Datasheet HTML 11Page - Texas Instruments CC1111F32RSP Datasheet HTML 12Page - Texas Instruments CC1111F32RSP Datasheet HTML 13Page - Texas Instruments CC1111F32RSP Datasheet HTML 14Page - Texas Instruments CC1111F32RSP Datasheet HTML 15Page - Texas Instruments CC1111F32RSP Datasheet HTML 16Page - Texas Instruments CC1111F32RSP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 245 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 13 of 244
6.2
RF Receive Section
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC1110EM reference design ([1]) if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Digital channel
filter bandwidth
58
812
kHz
User programmable (see Section 13.6). The bandwidth limits are
proportional to crystal frequency (given values assume a 26 MHz system
clock).
315 MHz, 1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GSK, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Receiver
sensitivity
−110
−112
dBm
dBm
System clock running at 26 MHz
System clock running at 24 MHz
The RX current consumption can be reduced by approximately 2.0 mA
by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical sensitivity is then
−107 dBm.
315 MHz, 38.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GSK, 1% packet error rate, 20 bytes packet length, 20 kHz deviation, 100 kHz digital channel filter bandwidth)
Receiver
sensitivity
−102
−103
dBm
dBm
System clock running at 26 MHz
System clock running at 24 MHz
The RX current consumption can be reduced by approximately 2.1 mA
by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical sensitivity is then
−99 dBm.
315 MHz, 250 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0 (MDMCFG2.DEM_DCFILT_OFF=1
cannot be used for data rates > 100 kBaud)
(GSK, 1% packet error rate, 20 bytes packet length, 127 kHz deviation, 540 kHz digital channel filter bandwidth)
Receiver
sensitivity
−94
−94
dBm
dBm
System clock running at 26 MHz
System clock running at 24 MHz
433 MHz, 1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GSK, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Receiver
sensitivity
−110
−110
dBm
dBm
System clock running at 26 MHz
System clock running at 24 MHz
The RX current consumption can be reduced by approximately 2.6 mA
by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical sensitivity is then
−107 dBm.
433 MHz, 38.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GSK, 1% packet error rate, 20 bytes packet length, 20 kHz deviation, 100 kHz digital channel filter bandwidth)
Receiver
sensitivity
−102
−101
dBm
dBm
System clock running at 26 MHz
System clock running at 24 MHz
The RX current consumption can be reduced by approximately 2.7 mA
by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical sensitivity is then
−99 dBm.
Parameter
Min
Typ
Max
Unit
Condition/Note
433 MHz, 250 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0 (MDMCFG2.DEM_DCFILT_OFF=1
cannot be used for data rates > 100 kBaud)
(GSK, 1% packet error rate, 20 bytes packet length, 127 kHz deviation, 540 kHz digital channel filter bandwidth)
Receiver
sensitivity
−95
−93
dBm
dBm
System clock running at 26 MHz
System clock running at 24 MHz
See Table 9 for typical variation over operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com