Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 17Page - Texas Instruments CC1111F32RSP Datasheet HTML 18Page - Texas Instruments CC1111F32RSP Datasheet HTML 19Page - Texas Instruments CC1111F32RSP Datasheet HTML 20Page - Texas Instruments CC1111F32RSP Datasheet HTML 21Page - Texas Instruments CC1111F32RSP Datasheet HTML 22Page - Texas Instruments CC1111F32RSP Datasheet HTML 23Page - Texas Instruments CC1111F32RSP Datasheet HTML 24Page - Texas Instruments CC1111F32RSP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 245 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 21 of 244
6.7
High Speed RC Oscillator
TA = 25C, VDD = 3.0 V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
2
12
13
13.5
MHz
Calibrated HS RCOSC frequency is fXOSC / 2
Uncalibrated frequency
accuracy
15
%
Calibrated frequency
accuracy
1
%
Start-up time
10
µs
Temperature coefficient
−325
ppm/
C
Frequency drift when temperature changes after
calibration
Supply voltage
coefficient
28
ppm/V
Frequency drift when supply voltage changes after
calibration
Calibration time
65
µs
The HS RCOSC will be calibrated once when the high
speed crystal oscillator is selected as system clock
source (CLKCON.OSC is set to 0), and also when the
system wakes up from PM{1 - 3} if CLKCON.OSC was
set to 0 when entering PM{1 - 3}. See 12.1.5.1 for
details).
Table 15: High Speed RC Oscillator Parameters
6.8
Frequency Synthesizer Characteristics
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC1110EM reference designs ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed frequency
resolution
3
397
366
397
366
412
366
Hz
CC1110Fx
CC1111Fx
Frequency resolution = fRef/ 2
16
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy (including
temperature and aging) depends on frequency band
and channel bandwidth / spacing.
RF carrier phase noise
−92
dBc/Hz
@ 50 kHz offset from carrier
RF carrier phase noise
−93
dBc/Hz
@ 100 kHz offset from carrier
RF carrier phase noise
−93
dBc/Hz
@ 200 kHz offset from carrier
RF carrier phase noise
−98
dBc/Hz
@ 500 kHz offset from carrier
RF carrier phase noise
−107
dBc/Hz
@ 1 MHz offset from carrier
RF carrier phase noise
−113
dBc/Hz
@ 2 MHz offset from carrier
RF carrier phase noise
−119
dBc/Hz
@ 5 MHz offset from carrier
RF carrier phase noise
−129
dBc/Hz
@ 10 MHz offset from carrier
3 f
Ref = fXOSC for CC1110Fx and fRef = fXOSC /2 for CC1111Fx
For
CC1110Fx Min figures are given using f
XOSC = 26 MHz. Typ figures are given using fXOSC = 26 MHz,
and Max figures are given using fXOSC = 27 MHz. For CC1111Fx, fXOSC = 48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com