Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 2 Page - Texas Instruments

  CC1111F32RSP Datasheet HTML 1Page - Texas Instruments CC1111F32RSP Datasheet HTML 2Page - Texas Instruments CC1111F32RSP Datasheet HTML 3Page - Texas Instruments CC1111F32RSP Datasheet HTML 4Page - Texas Instruments CC1111F32RSP Datasheet HTML 5Page - Texas Instruments CC1111F32RSP Datasheet HTML 6Page - Texas Instruments CC1111F32RSP Datasheet HTML 7Page - Texas Instruments CC1111F32RSP Datasheet HTML 8Page - Texas Instruments CC1111F32RSP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 245 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 2 of 244
Table of Contents
ABBREVIATION .................................................................................................................................................. 4
1
REGISTER CONVENTIONS .................................................................................................................. 5
2
KEY FEATURES (IN MORE DETAILS) .............................................................................................. 5
2.1
HIGH-PERFORMANCE AND LOW-POWER 8051-COMPATIBLE MICROCONTROLLER....................................... 5
2.2
8/16/32 KB NON-VOLATILE PROGRAM MEMORY AND 1/2/4 KB DATA MEMORY ........................................ 5
2.3
FULL-SPEED USB CONTROLLER (CC1111FX )................................................................................................. 5
2.4
I
2S INTERFACE.............................................................................................................................................. 5
2.5
HARDWARE AES ENCRYPTION/DECRYPTION............................................................................................... 6
2.6
PERIPHERAL FEATURES ................................................................................................................................ 6
2.7
LOW POWER ................................................................................................................................................. 6
2.8
SUB-1 GHZ RADIO WITH BASEBAND MODEM .............................................................................................. 6
3
ABSOLUTE MAXIMUM RATINGS ...................................................................................................... 7
4
OPERATING CONDITIONS .................................................................................................................. 8
4.1
CC1110FX OPERATING CONDITIONS............................................................................................................... 8
4.2
CC1111FX OPERATING CONDITIONS ............................................................................................................... 8
5
GENERAL CHARACTERISTICS.......................................................................................................... 8
6
ELECTRICAL SPECIFICATIONS ........................................................................................................ 9
6.1
CURRENT CONSUMPTION ............................................................................................................................. 9
6.2
RF RECEIVE SECTION................................................................................................................................. 13
6.3
RF TRANSMIT SECTION .............................................................................................................................. 17
6.4
CRYSTAL OSCILLATORS ............................................................................................................................. 19
6.5
32.768 KHZ CRYSTAL OSCILLATOR ........................................................................................................... 20
6.6
LOW POWER RC OSCILLATOR.................................................................................................................... 20
6.7
HIGH SPEED RC OSCILLATOR .................................................................................................................... 21
6.8
FREQUENCY SYNTHESIZER CHARACTERISTICS........................................................................................... 21
6.9
ANALOG TEMPERATURE SENSOR ............................................................................................................... 22
6.10
7 - 12 BIT ADC ........................................................................................................................................... 23
6.11
CONTROL AC CHARACTERISTICS ............................................................................................................... 25
6.12
SPI AC CHARACTERISTICS......................................................................................................................... 26
6.13
DEBUG INTERFACE AC CHARACTERISTICS ................................................................................................ 27
6.14
PORT OUTPUTS AC CHARACTERISTICS ...................................................................................................... 27
6.15
TIMER INPUTS AC CHARACTERISTICS ........................................................................................................ 28
6.16
DC CHARACTERISTICS ............................................................................................................................... 28
7
PIN AND I/O PORT CONFIGURATION ............................................................................................ 29
8
CIRCUIT DESCRIPTION ..................................................................................................................... 33
8.1
CPU AND PERIPHERALS ............................................................................................................................. 34
8.2
RADIO ........................................................................................................................................................ 36
9
APPLICATION CIRCUIT ..................................................................................................................... 36
9.1
BIAS RESISTOR ........................................................................................................................................... 36
9.2
BALUN AND RF MATCHING........................................................................................................................ 36
9.3
CRYSTAL .................................................................................................................................................... 36
9.4
REFERENCE SIGNAL ................................................................................................................................... 37
9.5
USB (CC1111FX) .......................................................................................................................................... 37
9.6
POWER SUPPLY DECOUPLING..................................................................................................................... 37
9.7
PCB LAYOUT RECOMMENDATIONS............................................................................................................ 41
10
8051 CPU .................................................................................................................................................. 41
10.1
8051 INTRODUCTION .................................................................................................................................. 41
10.2
MEMORY .................................................................................................................................................... 42
10.3
CPU REGISTERS ......................................................................................................................................... 54
10.4
INSTRUCTION SET SUMMARY ..................................................................................................................... 56
10.5
INTERRUPTS................................................................................................................................................ 60
11
DEBUG INTERFACE............................................................................................................................. 70
11.1
DEBUG MODE............................................................................................................................................. 70
11.2
DEBUG COMMUNICATION........................................................................................................................... 70
11.3
DEBUG LOCK BIT ....................................................................................................................................... 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com