Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805E Datasheet(PDF) 116 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 112Page - STMicroelectronics L9805E Datasheet HTML 113Page - STMicroelectronics L9805E Datasheet HTML 114Page - STMicroelectronics L9805E Datasheet HTML 115Page - STMicroelectronics L9805E Datasheet HTML 116Page - STMicroelectronics L9805E Datasheet HTML 117Page - STMicroelectronics L9805E Datasheet HTML 118Page - STMicroelectronics L9805E Datasheet HTML 119Page - STMicroelectronics L9805E Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 127 page
background image
Electrical Characteristics
L9805E
116/127
7.2
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x θJA) (1)*
Where:
–TA is the Ambient Temperature in °C,
–
θ
JA is the Package Junction-to-Ambient Thermal Resistance, in °C/W,
–PD is the sum of PINT and PI/O,
–PINT is the product of I1 and VB, plus the power dissipated by the power bridge,
expressed in Watts. This is the Chip Internal Power
–PI/O represents the Power Dissipation on Input and Output Pins; User Determined.
For most applications PI/O<<PINT and may be neglected. PI/O may be significant if the
device is configured to drive Darlington bases or sink LED Loads.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K÷ (TJ + 273°C) (2)
Therefore:
K = PD x (TA + 273°C) + θJA x PD
2 (3)
Where:
–
K is a constant for the particular part, which may be determined from equation (3)
by measuring PD (at equilibrium) for a known TA. Using this value of K, the values
of PD and TJ may be obtained by solving equations (1) and (2) iteratively for any
value of TA.
(*) Maximum chip dissipation can directly be obtained from Tj (max), θJA and TA parameters.
Table 17.
Thermal Characteristics (VB=18V, TJ = 150°C, ILOAD = 2A)
Symbol
Description
Value
Unit
PD
Dissipated Power
3
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com