Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805E Datasheet(PDF) 119 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 115Page - STMicroelectronics L9805E Datasheet HTML 116Page - STMicroelectronics L9805E Datasheet HTML 117Page - STMicroelectronics L9805E Datasheet HTML 118Page - STMicroelectronics L9805E Datasheet HTML 119Page - STMicroelectronics L9805E Datasheet HTML 120Page - STMicroelectronics L9805E Datasheet HTML 121Page - STMicroelectronics L9805E Datasheet HTML 122Page - STMicroelectronics L9805E Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
L9805E
Electrical Characteristics
119/127
7.4
DC Electrical Characteristics
(T
J = -40 to +150°C, VB=12V unless otherwise specified)
Table 18.
DC Electrical Characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
GENERAL
VB1
Supply Voltage
f
OSC = 16 MHz
6.4
12
18
V
VBR, VBL
= VB
Power Supply Voltage
f
OSC = 16 MHz
7.1
12
18
V
I1
Supply Current from VB1
No external loads
RUN mode
WAIT mode
Halt mode(2)
24
21
16
mA
mA
mA
IIN
Input Current
Low voltage pins(3)
-5
5
mA
POWER SUPPLY
VB2
Pre-regulated Voltage
VB1 = 12V
8
10
12
V
VDD
Regulated Voltage
VB1 = 12V
4.75
5
5.25
V
VDD
Regulated Voltage
VB1 = 3.. 6.4V
VB1 -
1.1
V
∆VDD
Line Regulation
VB1 = 6.4..18V
50
mV
∆VDD
Load Regulation
IVDD=0..50mA
50
mV
VCC
Regulated Voltage
4.75
5
5.25
V
VCC
Regulated Voltage
VB1 = 3.. 6.4V
VB1 -
1.1
V
∆VCC
Line Regulation
VB1 = 6.4..18V
50
mV
∆VCC
Load Regulation
IVCC=0..15mA
50
mV
IVDD
Current sunk from VDD pin
50
mA
IVCC
Current sunk from VCC pin
15
mA
IMAXVDD
Current limit from VDD
150
400
mA
IMAXVCC
Current limit from VCC
50
170
mA
CVDD
External capacitor to be
connected to VDD pin
100
nF
CVCC
External capacitor to be
connected to VCC pin
100
nF
STANDARD I/O PORT PINS
VIL
Input Low Level Voltage
-
-
0.3xV
DD
V
VIH
Input High Level Voltage
0.7xV
DD
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com