| Electronic Components Datasheet Search |
|
ST63140 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63140 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 86 page ![]() Interrupt Vectors/Sources The ST631xx Core includes 5 different interrupt vectors in order to branch to 5 different interrupt routines. The interrupt vectors are located in the fixed (or static) page of the Program Space. The interrupt vector associated with the non-mask- able interrupt source is named interrupt vector #0. It is located at addresses FFCh,FFDh in the Pro- gram Space. This vector is associated with the PC6/IRIN pin. The interrupt vectors located at addresses (FF6h,FF7h), (FF4h,FF5h), (FF2h,FF3h), (FF0h,FF1h) are named interrupt vectors #1, #2, #3 and #4 respectively. These vectors are associ- ated with TIMER 2 (#4), VSYNC (#2), and TIMER 1 (#3). Interrupt vector (#1) is not used on ST631xx. Interrupt Priority The non-maskable interrupt request has the high- est priority and can interrupt any other interrupt routines at any time, nevertheless the other inter- rupts cannot interrupt each other. If more than one interrupt request is pending, they are processed by the ST631xx Core according to their priority level: vector #1 has the higher priority while vector #4 the lower. The priority of each interrupt source is hard- ware fixed. Interrupt Option Register The Interrupt Option Register (IOR register, loca- tion C8h) is used to enable/disable the individual interrupt sources and to select the operating mode of the external interrupt inputs. This register can be addressed in the Data Space as RAM location at the C8h address, nevertheless it is write-only reg- ister that can not be accessed with single-bit op- erations. The operating modes of the external interrupt inputs associated to interrupt vectors #1 and #2 are selected through bits 5 and 6 of the IOR register. Interrupt Source Associated Vector Vector Address IRIN/NMI Pin (1) Interrupt Vector # 0 (NMI) 0FFCh-0FFDh None (2) Interrupt Vector # 1 0FF6h-0FF7h Vsync Interrupt Vector # 2 0FF4h-0FF5h Timer 1 Interrupt Vector # 3 0FF2h-0FF3h Timer 2 Interrupt Vector # 4 0FF0h-0FF1h Notes: 1. This pin is associated with the NMI Interrupt Vector 2. This vector is not used in ST631xx. Table 6. Interrupt Vectors/Sources Relationships INTERRUPT (Continued) IOR Interr upt Option Register (C8h, Write Only) D7 D6 D5 D4 D3 D2 D1 D0 Unuse d GEN = Global Enab le Bit ES2 = Edge Selection Bit EL1 = Edge Level Selection Bit Unuse d Figure 18. Interrupt Option Register D7. Not used. EL1. This is the Edge/Level selection bit of inter- rupt #1. When set to one, the interrupt is generated on low level of the related signal; when cleared to zero, the interrupt is generated on falling edge. The bit is cleared to zero after reset and as no interrupt source is associated to vector #1 on ST631xx, the user must keep this bit at zero to avoid ghost inter- rupts from this source. ES2. This is the edge selection bit on interrupt #2. This bit is used on the ST631xx devices with on- chip OSD generator for VSYNC detection. GEN. This is the global enable bit. When set to one all interrupts are globally enabled; when this bit is cleared to zero all interrupts are disabled (EXclud- ing NMI). D3 - D0. These bits are not used. ® ST63140,142,126,156 17/82 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |