Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST63140 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics ST63140 Datasheet HTML 49Page - STMicroelectronics ST63140 Datasheet HTML 50Page - STMicroelectronics ST63140 Datasheet HTML 51Page - STMicroelectronics ST63140 Datasheet HTML 52Page - STMicroelectronics ST63140 Datasheet HTML 53Page - STMicroelectronics ST63140 Datasheet HTML 54Page - STMicroelectronics ST63140 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
“1” -The background on the following word is en-
abled by BG1 and the colour is set by R1, G1,
and B1.
WE. Word Enable. The word enable bit defines
whether or not the following word is displayed.
“0” -The word is not displayed.
“1” -If the global enable bit is one, then the word is
displayed.
VSE. Vertical Space Enable. The vertical space
enable bit determines the spacing between lines.
“0” -The space between lines is equal to 0h. The al-
phanumeric character set is implemented in a
5 x 7 format with one empty column to the right
and one empty row above and one below and
stored in a 6 x 9 format.
“1” -The space between lines is defined by the
value in the vertical space register.
Table 13. Format Character Register Colour
Setting.
R
G
B
Colou r
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
100
Red
1
0
1
Magenta
1
1
0
Yellow
1
1
1
White
Table 14. Format Character Register Size
Setting
GS2 GS1
S
Vertical Height
Horizontal length
0
0
0
18h
6 TDOT
0
0
1
36h
12 TDOT
0
1
0
18h
6 TDOT
0
1
1
54h
18 TDOT
1
0
0
36h
12 TDOT
1
0
1
54h
18 TDOT
1
1
0
36h
12 TDOT
1
1
1
72h
24 TDOT
TDOT= 2/fosc
ON-SCREEN DISPLAY (Continued)
Display Character
See Data RAM Table Description
for specific Addresses
( Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
C5-C0 = Character Types
control Bit
Fixed to “0”
Unuse d
Figure 60. Display Character Register
Explanation
D7. This bit is not used.
D6. This bit is fixed to “0”.
C5-C0. Character type. The 6 character type bits
define one of the 64 available character types.
These character types are shown on the following
pages.
Character Types
The character set is user defined as ROM mask
option.
Register and RAM Addressing
The OSD contains seven registers and 80 RAM lo-
cations. The seven registers are the Vertical Start
Address register, Horizontal Start Address regis-
ter, Vertical Space register, Horizontal Space reg-
ister, Background Control register, Global Enable
register and Character Bank Select register. The
Global Enable register can be written at any time
by the ST631xx Core. The other six registers and
the RAM can only be read or written to if the global
enable is zero.
The six registers and the RAM are located on two
pages of the paged memory of the ST631xx
MCUs; the Character Bank Select register is lo-
cated outside the paged memory at address EDh.
Each page contains 64 memory locations. This
paged memory is at memory locations 00h to 3Fh
in the ST631xx memory map. A page of memory is
enabled by setting the desired page bit, located in
the Data Ram Bank Register, to a one. The page
register is location E8h. A one in bit five selects
page 5, located on the OSD and a one in bit 6 se-
lects page 6 on the OSD. Table 15 shows the ad-
dresses of the OSD registers and RAM.
®
ST63140,142,126,156
47/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com