Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST63140 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 40Page - STMicroelectronics ST63140 Datasheet HTML 41Page - STMicroelectronics ST63140 Datasheet HTML 42Page - STMicroelectronics ST63140 Datasheet HTML 43Page - STMicroelectronics ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
The ST631xx on-chip voltage synthesis tuning pe-
ripheral has been integrated to allow the genera-
tion of tuning reference voltage in low/mid end TV
set applications. The peripheral is composed of a
14-bit counter that allows the conversion of the
digital content in a tuning voltage, available at the
VS output pin, by using Pulse Width Modification
(PWM), and Bit Rate Multiplier (BRM) techniques.
The 14-bit counter gives 16384 steps which allows
a resolution of approximately 2mV over a tuning
voltage of 32V; this corresponds to a tuning resolu-
tion of about 40kHz per step in the UHF band (the
actual value will depend on the characteristics of
the tuner).
The tuning word consists of a 14-bit word con-
tained in the registers VSDATA1 (location 0EDh)
and VSDATA2 (location 0EEh). Coarse tuning
(PWM) is performed using the seven MSBits, while
fine tuning (BRM) is performed using the data in
the seven LSBits. With all zeros loaded the output
is zero; as the tuning voltage increases from all ze-
ros, the number of pulses in one period increas to
128 with all pulses being the same width. For val-
ues larger than 128, the PWM takes over and the
number of pulses in one period remains constant
at 128, but the width changes. At the other end of
the scale, when almost all ones are loaded, the
pulses will start to link together and the number of
pulses will decrease. When all ones are loaded,
the output will be almost 100% high but will have a
low pulse (1/16384 of the high pulse).
Output Details
Inside the on-chip Voltage Synthesis are included
the register latches, a reference counter, PWM and
BRM control circuitry. In the ST631xx the clock for
the 14-bit reference counter is 2MHz derived from
the 8MHz system clock. From the circuit point of
view, the seven most significant bits control the
coarse tuning, while the seven least significant bits
control the fine tuning. From the application and
software point of view, the 14 bits can be consid-
ered as one binary number.
As already mentioned the coarse tuning consists of
a PWM signal with 128 steps; we can consider the
fine tuning to cover 128 coarse tuning cycles. The
addition of pulses is described in the following Table.
Fine Tuning
(7 LSB)
N
° of Pulses added at
the following cycles
(0...127)
0000001
64
0000010
32, 96
0000100
16, 48, 80, 112
0001000
8, 24, ....104, 120
0010000
4, 12, ....116, 124
0100000
2, 6, .....122, 126
1000000
1, 3, .....125, 127
Table 11. Fine Tuning Pulse Addition
VSDR1
Voltage Synthesis Data Register 1
(EDh, Write only)
D7 D6 D5 D4 D3 D2 D1 D0
VS Data Bits (LSB)
Figure 46. Voltage Synthesis Data Register 1
14-BIT VOLTAGE SYNTHESIS TUNING
PERIPHERAL
The VS output pin has a standard drive push-pull
output configuration.
VS Tuning Cell Registers
D7-D0. These are the 8 least significant VS data
bits. Bit 0 is the LSB. This register is undefined on
reset.
VSDR2
Voltage Synthesis Data Register 2
(EEh, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
VS Data Bits (LSB)
Unuse d
Figure 47. Voltage Synthesis Data Register 2
D7-D6. These bits are not used.
D5-D0. These are the 6 most significant VS data
bits. Bit 5 is the MSB. This register is undefined on
reset.
®
ST63140,142,126,156
40/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com