Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST63140 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics ST63140 Datasheet HTML 49Page - STMicroelectronics ST63140 Datasheet HTML 50Page - STMicroelectronics ST63140 Datasheet HTML 51Page - STMicroelectronics ST63140 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
KBYREG
Keyboard Input Register
(E5h, Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
KBY0 Input Data Bit
KBY1 Input Data Bit
KBY2 Input Data Bit
Unused
Figure 56. Keyboard Input Register
D7-D3. These bits are not used.
KBY0-KBY2. These bits store the logic level pre-
sent at KBY0, KBY1 and KBY2 input pins. No reset
value. This input pins have CMOS levels with on-
chip pull-up resistor (100k
Ω typical).
D6-D3. These bits are not used.
BSW0-BSW2,BSW3. The writing into these bits
will cause the corresponding BSW open-drain out-
put line to switch to the programmed level. Unde-
fined after reset.
AFC A/D INPUT, KEYBOARD INPUTS
AND BANDSWITH OUTPUTS (Continued)
BSWREG
Bandswitch Output Register
(E9h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
BSW0 Output Bit
BSW1 Output Bit
BSW2 Output Bit
Unused
BSW3 Output Bit
Figure 57. Bandswitch Output Register
INFRARED INPUT (IRIN)
The IRIN pin is directly connected to the NMI inter-
rupt and acts as external interrupt pin (refer to in-
terrupt description for additional information).
The enable/disable of this interrupt can be man-
aged with the write only IEN bit available in the
DA2 Data/Control Register (Address E2h, bit D7).
When this bit is set to one the interrupt is enabled
otherwise it is disabled.
The IRIN pin is RISING EDGE sensitive.
Application Note
When the IR interrupt is enabled, then a rising
edge on the IR pin will generate an interrupt; if the
IR interrupt is disabled, no IR interrupts can occur.
Care should be taken because if the IR pin is high
when the IR interrupt is enabled, an interrupt will
also be generated; the following method to elimi-
nate noise can also be used if the SW engineer
wishes to enable/disable the IR interrupt.
If a Low-cost infra-red receiver is used, the cus-
stomer may wish to test the IR signal by software
after an interrupt in order to verify that there is a
good pulse and not just noise. The IRIN pin cannot
be read, so in this case it should be connected in
parallel with another pin so the signal can be read.
Furthermore the IRIN pin is sensitive to a rising
edge interrupt; this means that the input to the pin
should be low in the presence of no infra-red sig-
nal, but since most infra-red receiver modules give
a high signal, the signal will need to be inverted
with a transistor.
®
ST63140,142,126,156
44/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com