Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265X Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 19Page - STMicroelectronics ST7265X Datasheet HTML 20Page - STMicroelectronics ST7265X Datasheet HTML 21Page - STMicroelectronics ST7265X Datasheet HTML 22Page - STMicroelectronics ST7265X Datasheet HTML 23Page - STMicroelectronics ST7265X Datasheet HTML 24Page - STMicroelectronics ST7265X Datasheet HTML 25Page - STMicroelectronics ST7265X Datasheet HTML 26Page - STMicroelectronics ST7265X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 166 page
background image
ST7265x
23/166
FLASH PROGRAM MEMORY (Cont’d)
4.5 ICP (In-Circuit Programming)
To perform ICP the microcontroller must be
switched to ICC (In-Circuit Communication) mode
by an external controller or programming tool.
Depending on the ICP code downloaded in RAM,
Flash memory programming can be fully custom-
ized (number of bytes to program, program loca-
tions, or selection serial communication interface
for downloading).
When using an STMicroelectronics or third-party
programming tool that supports ICP and the spe-
cific microcontroller device, the user needs only to
implement the ICP hardware interface on the ap-
plication board (see Figure 13). For more details
on the pin locations, refer to the device pinout de-
scription.
ICP needs six pins to be connected to the pro-
gramming tool. These pins are:
– RESET: device reset
–VSS: device power supply ground
– ICCCLK: ICC output serial clock pin
– ICCDATA: ICC input serial data pin
– ICCSEL/VPP: programming voltage
–VDD: application board power supply
CAUTIONS:
1. If RESET, ICCCLK or ICCDATA pins are used
for other purposes in the application, a serial resis-
tor has to be implemented to avoid a conflict in
case one of the other devices forces the signal lev-
el. If these pins are used as outputs in the applica-
tion, the serial resistors are not necessary. As
soon as the external controller is plugged to the
board, even if an ICC session is not in progress,
the ICCCLK and ICCDATA pins are not available
for the application.
2. The use of Pin 7 of the ICC connector depends
on the Programming Tool architecture. Please re-
fer to the documentation of the tool. This pin must
be connected when using ST Programming Tools
(it is used to monitor the application power supply).
Note: To develop a custom programming tool, re-
fer to the ST7 Flash Programming and ICC Refer-
ence Manual which gives full details on the ICC
protocol hardware and software.
Figure 13. Typical ICP Interface
ICC CONNECTOR
HE10 CONNECTOR TYPE
>4.7k
APPLICATION
POWER SUPPLY
OPTIONAL (SEE CAUTION 1)
1
2
4
6
8
10
97
5
3
PROGRAMMING TOOL
ICC CONNECTOR
APPLICATION BOARD
ICC Cable
OPTIONAL
(SEE CAUTION 2)
10k
ST7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com