Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA304 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 11Page - STMicroelectronics STA304 Datasheet HTML 12Page - STMicroelectronics STA304 Datasheet HTML 13Page - STMicroelectronics STA304 Datasheet HTML 14Page - STMicroelectronics STA304 Datasheet HTML 15Page - STMicroelectronics STA304 Datasheet HTML 16Page - STMicroelectronics STA304 Datasheet HTML 17Page - STMicroelectronics STA304 Datasheet HTML 18Page - STMicroelectronics STA304 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
STA304
15/30
10.0 BASS MANAGEMENTAND EQ
The STA304 has the ability to redirect the sound to the SBW channel and to pass each channel through a 4-
stage cascaded 2nd order IIR filter. With the combination of the DDX gain/compressor (CRA register bits 2-3)
a dynamic EQ can be implemented. Beside that, a special Side-Firing sound can be achieved by enabling this
feature available with the ready made filter topology on the surround channels.
10.1 Bass Redirection
Figure 8.
There is an option to redirect each input channel to the SBW output channel. The Scale factor of each channel
should be set with values in the range of 0 (no redirection) to -1 (full redirection). About setting the scaling factors
registers, see paragraph 10.
The redirection is taking place when the bit 0 of the Bass Management Register (add.72h) is set (see section
12.13).
Together with the static EQ option (following section), by setting appropriate filters, a full bass management so-
lution is available.
(*) Note: C and LFE channels are available only with 6 channels AC97 input. In case of 4 channels I2S, only L, R, LS, RS are
available
10.2 Static EQ
Figure 9.
Phantom
LR Filter
LR Filter
Sur Filter
Sur Filter
+
Scale
L
Scale
C
Scale
R
Scale
LS
Scale
RS
Scale
LFE
SBW
Filter
L
C
R
LS
RS
LFE
L
R
LS
RS
SBW
(IIS C)
(*)
(*)
Scale in
Factor
bi-quad0
bi-quad1
bi-quad2
bi-quad3
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com